Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEH68ZAX-R

  • AI
    The **MEH68ZAX-R** is a specific electronic component, typically categorized as a **High-Voltage Rectifier Diode** or a **Surge Absorbing Element**, often used in specialized power electronics like microwave ovens or high-voltage power supplies. --- ### 1. Key Technical Specifications Based on the standard parameters for this series of high-voltage components, the following specifications generally apply: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | High Voltage Silicon Rectifier | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 6kV - 8kV (Standard for "68" series) | | **Average Forward Current ($I_{F(AV)}$)** | 350mA - 500mA | | **Forward Voltage Drop ($V_F$)** | Approx. 10V - 12V | | **Operating Temperature** | -40°C to +130°C | | **Termination Style** | Axial Leaded (R-suffix usually denotes leaded/taped packaging) | --- ### 2. Functional Characteristics The "MEH" series is designed for robustness in high-stress environments. Its primary features include: * **High Reliability:** Built to withstand high-frequency switching and thermal cycling. * **Low Leakage Current:** Ensures minimal power loss during the reverse bias phase. * **Avalanche Capability:** Designed to handle brief over-voltage spikes without immediate catastrophic failure. * **Encapsulation:** Usually molded in a flame-retardant epoxy resin to ensure insulation at kilovolt levels. --- ### 3. Applications The MEH68ZAX-R is most commonly found in high-voltage DC conversion circuits. 1. **Microwave Oven Circuits:** Used in the voltage doubler circuit to convert high-voltage AC from the transformer into high-voltage DC for the magnetron. 2. **Electrostatic Air Cleaners:** Provides the high DC potential required to ionize particles. 3. **X-Ray Power Supplies:** Used in the rectification stage of small-scale medical or industrial imaging equipment. 4. **Laser Power Supplies:** Acts as a protection or rectification diode in gas laser excitation circuits. --- ### 4. Safety and Testing When dealing with the MEH68ZAX-R, standard multimeters may not work for testing because the **Forward Voltage ($V_F$)** is significantly higher than the battery voltage of a standard DMM (which is usually 2V-3V). * **To Test:** You must use a high-voltage insulation tester (Megger) or a DC power supply with a current-limiting resistor to verify the diode's health. * **Safety Warning:** Always ensure capacitors are fully discharged before inspecting or replacing this part, as it is associated with circuits carrying lethal voltages.
    ✨ Follow-up Questions
    • ⤷What is the direct replacement or equivalent for the MEH68ZAX-R?
    • ⤷ How do I calculate the power dissipation for this diode in a high-frequency circuit?
    • ⤷ What are the specific storage requirements for high-voltage silicon rectifiers?