Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEH72XAA-R

  • AI
    ## Overview of the MEH72XAA-R The **MEH72XAA-R** is a specific model of an **Electric Heater Assembly**, typically designed for use in Mitsubishi Electric HVAC (Heating, Ventilation, and Air Conditioning) systems, specifically for multi-position air handlers. This component serves as a supplemental or primary heat source when the heat pump alone cannot meet the thermostat's demand. --- ### Key Electronic & Technical Components The assembly consists of several critical electronic parts that ensure safety, power regulation, and thermal control: | Component | Function | Characteristics | | :--- | :--- | :--- | | **Heating Elements** | Converts electrical energy into heat. | Open-wire nichrome coils for rapid heat transfer. | | **Sequencer / Relay** | Controls the timing of the heating stages. | Prevents a massive power surge by staging the elements. | | **Thermal Limit Switches** | Safety cut-out mechanism. | Automatically opens the circuit if temperatures exceed safety limits. | | **Circuit Breakers** | Overcurrent protection. | Integrated breakers to protect the unit's internal wiring. | | **Plug-and-Play Harness** | Electrical interface. | Multi-pin connector for communication with the main control board. | --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Nominal Capacity** | Variable (often 5kW to 10kW depending on configuration) | | **Voltage** | 208 / 240 V | | **Phase** | Single Phase (1ø) | | **Compatibility** | Mitsubishi PVA/MVZ Series Air Handlers | --- ### Circuit Protection & Control Logic The MEH72XAA-R utilizes a **high-limit thermal cutout** system. In the event of a blower failure (loss of airflow), the heat builds up rapidly. The electronic sensors detect this rise and break the circuit to prevent fire hazards. #### Wiring Integration The unit connects to the indoor unit's control PC board via a dedicated heater control cable. This allows the system's logic to: 1. Verify airflow before energizing elements. 2. Delay the shutdown of the blower to dissipate residual heat (cool-down cycle). 3. Modulate heating stages based on the "delta T" (temperature difference). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific air handler models compatible with the MEH72XAA-R?
    • ⤷ How do I troubleshoot a thermal limit trip in this heater assembly?
    • ⤷ What is the difference between the 5kW and 10kW versions of this heater?