Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEH72XBD-R

  • AI
    The **MEH72XBD-R** is a specific model of an **EC (Electronically Commutated) Axial Fan**, typically manufactured by companies like **Nidec (UltraFlo)**. These fans are high-performance cooling solutions used in servers, telecommunications, and industrial equipment. Below is a breakdown of the electronic components and technical specifications. ### 1. Technical Specifications The "MEH" series represents a high-efficiency DC brushless motor design. | Parameter | Specification (Typical) | | :--- | :--- | | **Frame Size** | 172mm x 150mm x 51mm (Side-cut) | | **Voltage Range** | 48V DC (Standard for Telecom) | | **Motor Type** | Brushless DC (BLDC) | | **Bearing Type** | Dual Ball Bearing | | **Airflow** | High Static Pressure / High CFM | | **Termination** | Lead Wires (usually 4-wire: Power, Ground, PWM, Tach) | --- ### 2. Key Electronic Components The internal PCB of the MEH72XBD-R contains several critical electronic sub-systems: #### A. The Commutation Controller Since this is a brushless motor, it lacks physical brushes. It uses an **Integrated Circuit (IC)** to monitor the position of the rotor (via Hall Effect sensors) and switches the current between the stator coils to maintain rotation. #### B. PWM Control (Pulse Width Modulation) The "R" or "BD" designations often imply advanced control features. * **Speed Control:** Allows the system to adjust the Fan RPM based on temperature. * **Efficiency:** PWM reduces power consumption compared to voltage-based throttling. #### C. Tachometer (Frequency Generator) The electronic board outputs a square wave signal (Tach out). This allows the host system (like a Server Motherboard) to monitor the fan's RPM and trigger an alarm if the fan stalls or fails. #### D. Protection Circuitry * **Polarity Protection:** Prevents damage if the positive and negative wires are reversed. * **Locked Rotor Protection:** Automatically cuts or pulses power if the blades are obstructed to prevent the coils from overheating. * **Soft Start:** Gradually increases the current to prevent a massive power spike during initial startup. --- ### 3. Pinout Configuration (Standard 4-Wire) If your unit has four wires, the electronic interface usually follows this logic: 1. **Red (+):** 48V DC Power. 2. **Black (-):** Ground. 3. **Yellow/White:** Tachometer output (2 pulses per revolution). 4. **Blue:** PWM Speed Control input (0-5V or 0-12V logic). --- ### 4. Typical Applications Due to its large size (172mm) and 48V rating, it is electronically tuned for: * **Cloud Servers:** High-density computing racks. * **Inverters:** Cooling large power electronics. * **Base Stations:** Outdoor 5G/LTE telecommunications cabinets.
    ✨ Follow-up Questions
    • ⤷ What is the exact CFM rating for the MEH72XBD-R?
    • ⤷ How do I wire the PWM signal for manual speed control?
    • ⤷ What are the common failure modes for EC axial fans?