Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEH73ZAD-R

  • AI
    The **MEH73ZAD-R** is a specific model of an **Incremental Rotary Encoder**, typically manufactured by companies like *Nemicon* or related industrial sensor providers. These components are essential in motion control systems for translating mechanical rotation into electrical pulses. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic and mechanical characteristics of the MEH73 series: | Feature | Specification Details | | :--- | :--- | | **Type** | Incremental Rotary Encoder | | **Pulse Per Revolution (PPR)** | Typically varies (Check label, e.g., 100, 500, 1024) | | **Output Phase** | A, B, and Z (Index) phases | | **Supply Voltage** | Usually 5V DC or 12V-24V DC (Model dependent) | | **Output Type** | Line Driver, Open Collector, or Voltage Output | | **Shaft Style** | Hollow Shaft (indicated by the 'H' in the prefix) | | **Mounting** | Leaf Spring / Flexible Flange | --- ### 2. Signal Definitions The "ZAD" suffix usually indicates specific wiring or output configurations. Here is the standard signal breakdown: 1. **Phase A & B:** Two square wave signals offset by 90 degrees (Quadrature). This allows the controller to determine both **speed** and **direction**. 2. **Phase Z (Index):** A single pulse generated once per full 360-degree rotation, used for **homing** or reference positioning. 3. **Complementary Signals:** If the model features a Line Driver output, you will also see $\bar{A}$, $\bar{B}$, and $\bar{Z}$ signals to reduce electrical noise over long distances. --- ### 3. Electronic Interface (Wiring) While colors can vary by manufacturer, a standard 8-wire or 5-wire interface is common for these parts: ```yaml Red: Vcc (Power Supply) Black: 0V (Ground) Green: Phase A White: Phase B Yellow: Phase Z (Index) Brown: Phase A-inverted (if Line Driver) Grey: Phase B-inverted (if Line Driver) Orange: Phase Z-inverted (if Line Driver) Shield: Frame Ground ``` --- ### 4. Common Applications Due to its hollow-shaft design and high-speed capabilities, the MEH73ZAD-R is frequently found in: * **CNC Machinery:** For spindle speed feedback. * **Elevator Motors:** To monitor floor leveling and door speed. * **Robotic Arms:** For precise joint angle measurements. * **Conveyor Systems:** To synchronize belt speeds. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM supported by the MEH73ZAD-R series?
    • ⤷ How do I troubleshoot a missing Z-phase signal in this encoder?
    • ⤷ What is the difference between the 'ZAD' and 'ZBD' suffix in these models?