Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEH74XAD-R

  • AI
    The **MEH74XAD-R** is a specific model of an **Incremental Rotary Encoder**, typically manufactured by companies like *Nemicon* or related industrial sensor providers. These components are used to convert the angular position or motion of a shaft into analog or digital signals. --- ### 1. Technical Specifications The "MEH" series usually denotes a hollow-shaft type encoder designed for industrial automation. | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Incremental Rotary Encoder | | **Shaft Design** | Hollow Shaft (usually 4mm to 8mm) | | **Resolution** | Pulse rate depends on specific sub-code (e.g., 100 - 2500 P/R) | | **Output Phase** | A, B, and Z (Index) phases | | **Voltage Supply** | Typically 5V DC or 12-24V DC | | **Output Type** | Voltage, Open Collector, or Line Driver | --- ### 2. Key Electronic Features #### A. Incremental Output (A & B Phases) The device generates two square wave signals (Phase A and Phase B). * These signals are offset by **90 degrees** (Quadrature). * This allows the controller to determine both **speed** and **direction** of rotation. #### B. Index Signal (Z Phase) The "Z" phase provides a single pulse per full 360-degree revolution. This is used as a reference point or "home" position for the machinery. #### C. Integrated Circuitry Inside the MEH74XAD-R, the electronics consist of: 1. **Infrared LED:** The light source. 2. **Photo-detector Array:** Receives light passing through a slotted disc. 3. **Signal Conditioning:** Converts the raw analog pulses from the photo-detectors into clean digital square waves. 4. **Output Driver:** Amplifies the signal to travel over cables without significant interference. --- ### 3. Wiring and Connection Standard wiring for this series typically follows this color convention (though you should always check the label on your specific unit): * **Red:** Vcc (Power Supply) * **Black:** 0V (Ground) * **White:** Phase A * **Green:** Phase B * **Yellow:** Phase Z * **Shield:** Earth/Grounding --- ### 4. Common Applications * **Motor Feedback:** Attached to the back of a DC or Stepper motor to monitor RPM. * **Positioning:** Used in CNC machines or conveyor belts to measure distance traveled. * **Robotics:** Provides precise joint angle feedback.
    ✨ Follow-up Questions
    • ⤷ What is the maximum pulse per revolution (PPR) supported by the MEH74 series?
    • ⤷ How do I troubleshoot a missing Z-phase signal on this encoder?
    • ⤷ What is the difference between the 'Line Driver' and 'Open Collector' output versions of this part?