Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEH74ZBX-R

  • AI
    The **MEH74ZBX-R** is a specific model of an **EC (Electronically Commutated) Axial Fan**, typically manufactured by companies like **Nidec (Servo)**. These fans are high-performance cooling solutions designed for industrial equipment, servers, and telecommunications infrastructure. ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic and mechanical characteristics: | Feature | Specification | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) / EC Motor | | **Input Voltage** | Typically 12V or 24V DC (varies by sub-series) | | **Bearing Type** | Dual Ball Bearing (for long life) | | **Frame Material** | Aluminum Die-cast or High-temp Plastic | | **Termination** | Lead Wires (usually 2 to 4 wires) | | **Protection** | Polarity Protection & Locked Rotor Protection | --- ### 2. Internal Electronic Components The "ZBX" designation refers to the high-performance internal control circuitry. The electronics inside the hub typically include: * **Integrated Drive Controller:** A small PCB located inside the motor hub that converts DC power into three-phase signals to drive the stator. * **Hall Effect Sensors:** Used to detect the position of the permanent magnet rotor, ensuring smooth commutation and startup. * **PWM Control (Pulse Width Modulation):** If the model has four wires, it includes circuitry to allow the system to adjust fan speed dynamically based on temperature. * **Tachometer/FG Output:** A Frequency Generator (FG) signal that provides feedback to the system to monitor the actual RPM. --- ### 3. Electronic Protection Features The MEH74ZBX-R is designed for high reliability and includes several fail-safe electronic features: 1. **Auto-Restart:** If the fan blades are physically obstructed, the electronics cut power to the coils to prevent overheating and attempt to restart once the obstruction is removed. 2. **Reverse Polarity Protection:** Prevents damage to the internal PCB if the positive and negative leads are accidentally swapped. 3. **Soft Start:** Gradually ramps up the current during startup to reduce electronic stress on the power supply. --- ### 4. Wire Configuration (Typical) If your specific unit has multiple wires, they usually follow this electronic standard: * **Red:** Power (+) * **Black:** Ground (-) * **Yellow/White:** Tachometer / Speed Sensor (FG) * **Blue:** PWM Speed Control Input ---
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage rating for the MEH74ZBX-R model?
    • ⤷ How do I test the Tachometer (FG) signal using an oscilloscope?
    • ⤷ What are the mounting dimensions for this specific fan series?