Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEH76XAX-R

  • AI
    The **MEH76XAX-R** is a high-performance, high-voltage contactor manufactured by **TE Connectivity / Kilovac**. These components are specifically designed for demanding applications such as electric vehicles (EVs), battery management systems, and high-power industrial equipment. ### Core Specifications The following table outlines the primary electrical and mechanical characteristics of the MEH76XAX-R: | Parameter | Specification | | :--- | :--- | | **Contact Arrangement** | 1 Form X (SPST-NO, Double Make) | | **Rated Operating Voltage** | Up to 900 VDC | | **Continuous Current Rating** | 500 Amps | | **Coil Voltage** | 12 VDC (Standard) | | **Contact Material** | Copper Alloy / Silver Plating | | **Sealing Method** | Hermetically Sealed (Inert Gas Filled) | | **Weight** | Approximately 450g | --- ### Key Electronic & Structural Features #### 1. Hermetic Sealing The contact chamber is filled with an inert gas and hermetically sealed. This prevents atmospheric oxygen from reacting with the contacts, which: * Minimizes electrical arcing. * Prevents oxidation, ensuring low contact resistance over the life of the part. * Allows the unit to operate in explosive or harsh environments safely. #### 2. Bi-Directional Power Handling Unlike some standard contactors, the MEH series is often designed to handle power flow in both directions. This is critical for EV applications where the system must handle both **discharging** (driving) and **charging** (regenerative braking or plug-in charging). #### 3. Integrated Coil Economizer The MEH76XAX-R typically features a built-in electronic coil economizer. * **Startup:** High power is applied to the coil to ensure the contacts snap shut firmly. * **Holding:** Once closed, the electronics reduce the current to a "holding" level to minimize power consumption and heat generation. #### 4. High Break Capacity The "X" in the part number often refers to the "Double Make" contact configuration. By splitting the arc across two gaps simultaneously, the device can interrupt high DC voltages much more effectively than a single-break switch. ### Common Applications * **Electric Vehicles (EVs):** Main battery disconnect unit (BDU). * **Energy Storage Systems (ESS):** Disconnect for large-scale lithium-ion battery banks. * **DC Fast Charging:** Controlling the high-current output of charging stations. * **Solar Inverters:** High-voltage DC side switching. --- ### Technical Usage Note When integrating this part into a PCB or system, ensure you account for **Back EMF**. While many Kilovac units have internal suppression, it is standard practice to verify if an external flyback diode or MOV is required across the coil terminals to protect your control electronics.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MEH and EV200 series contactors?
    • ⤷ Does this model include an auxiliary contact for status monitoring?
    • ⤷ What are the recommended torque specifications for the M8 power terminals?