Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEH78XBA-R

  • AI
    The **MEH78XBA-R** is a specific model of an **EC (Electronically Commutated) Axial Fan**, typically manufactured by companies like **Nidec (UltraFlo)**. These fans are high-performance cooling solutions used primarily in servers, telecommunications, and industrial power supplies. --- ### 1. Key Technical Specifications The "Electronic Parts" aspect refers to its internal motor controller and physical power characteristics. | Feature | Specification | | :--- | :--- | | **Voltage** | 12V DC (Typical Operating Range 7V - 13.2V) | | **Current/Power** | High-amperage (often exceeding 3.0A to 4.0A) | | **Motor Type** | Brushless DC (BLDC) / EC Motor | | **Bearing System** | Dual Precision Ball Bearings | | **Dimensions** | 80mm x 80mm x 38mm (Commonly) | | **Control Interface** | 4-Wire (VCC, GND, Tachometer, PWM) | --- ### 2. Internal Electronic Components The MEH78XBA-R is not just a motor; it contains an integrated circuit (IC) board that manages the following: #### A. The Commutation Drive Unlike traditional DC fans, this model uses an **Electronic Commutator**. * **Hall Effect Sensors:** Detect the position of the rotor magnets. * **Driver IC:** Switches the current to the stator coils based on sensor feedback to ensure smooth rotation. #### B. PWM (Pulse Width Modulation) Control The electronic assembly includes a PWM input pin. * This allows a server or motherboard to send a high-frequency signal to adjust the fan speed from 0% to 100% duty cycle. * This electronics-driven speed control is much more efficient than varying the voltage. #### C. Safety & Protection Electronics * **Locked Rotor Protection:** The electronics detect if the blades are obstructed and cut power to prevent the coils from burning out. * **Polarity Protection:** Prevents damage if the positive and negative wires are accidentally reversed. * **Auto-Restart:** Periodically attempts to restart the motor after a stall is cleared. --- ### 3. Pinout Configuration The "R" suffix often denotes specific wiring or high-speed variants. The typical 4-wire electronic interface is: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | VCC (+) | 12V Power Supply | | **Black** | GND (-) | Ground | | **Yellow** | Tachometer | Output signal (2 pulses per revolution) | | **Blue** | PWM | Input signal for speed control | --- ### 4. Common Applications Due to the high static pressure and sophisticated electronic control, this part is found in: * **1U/2U Rackmount Servers:** To push air through dense heatsinks. * **Mining Rigs:** To dissipate heat from high-wattage GPUs/ASICs. * **Networking Switches:** Providing redundant cooling for high-speed processors. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM and CFM for the MEH78XBA-R model?
    • ⤷ How do I troubleshoot a 'Fan Fail' signal from this specific EC motor?
    • ⤷ Can this fan be used with a standard 3-pin motherboard header?