Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEPF-12M3W-R

  • AI
    The **MEPF-12M3W-R** is a specific model of an **Electronic Piezoelectric Buzzer/Sounder**. These components are widely used in industrial equipment, medical devices, and household appliances to provide audible feedback or alarms. Below is a detailed breakdown of its technical specifications and electronic characteristics. --- ### 1. Technical Specifications The "MEPF" series typically denotes a panel-mount piezoelectric indicator with internal circuitry. | Feature | Specification (Typical) | | :--- | :--- | | **Transducer Type** | Piezoelectric | | **Operating Voltage** | 3V - 28V DC (Range may vary slightly by batch) | | **Rated Voltage** | 12V DC | | **Current Consumption** | 8mA - 15mA at rated voltage | | **Sound Pressure Level (SPL)** | ≥ 85-90 dB at 30cm | | **Resonant Frequency** | 2.8 kHz ± 0.5 kHz | | **Tone Type** | Continuous or Fast Pulse (depending on internal lead config) | | **Mounting Type** | Panel Mount (Screw-in) | --- ### 2. Electronic Components & Internal Structure The MEPF-12M3W-R is an **active buzzer**, meaning it contains internal oscillating circuitry. Unlike a passive transducer, it does not require an external AC signal to produce sound. * **Piezoelectric Diaphragm:** A ceramic disc attached to a metal plate. When voltage is applied, the ceramic material deforms (piezoelectric effect), creating pressure waves in the air. * **Oscillator Circuit:** Built-in transistors and resistors that convert the steady DC input into a square wave at the resonant frequency of the ceramic disc. * **Housing/Chamber:** The plastic casing acts as an acoustic resonance chamber to amplify the sound output. * **Lead Wires:** The "3W" in the part number often indicates **3 wires** (typically Red, Black, and a third wire for tone control or common ground switching). --- ### 3. Pinout / Wiring Configuration Typically, for a 3-wire DC piezo sounder like this model: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | VCC (+) | Positive power supply (12V DC) | | **Black** | GND (-) | Common ground | | **Yellow/Blue** | Control / Tone | Often used to toggle between a continuous or pulsing tone | --- ### 4. Key Advantages 1. **Low Power Consumption:** Because it uses the piezoelectric effect rather than an electromagnetic coil, it draws very little current compared to mechanical bells. 2. **Wide Voltage Range:** It can operate reliably even if the power supply fluctuates between 5V and 20V. 3. **Durability:** No moving parts (like a striker) means a long operational life (typically >100,000 hours). 4. **No EMI:** It generates minimal electromagnetic interference, making it safe for use near sensitive microcontrollers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an active and a passive piezo buzzer?
    • ⤷ How do I wire the third wire to change the tone type?
    • ⤷ What is the maximum decibel level this buzzer can reach safely?