Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEPF-13MD-R

  • AI
    The **MEPF-13MD-R** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to a class of metal composite inductors designed for high-density power electronics. --- ### 1. General Specifications Based on the standard nomenclature for this series (often associated with manufacturers like Mag.Layers or similar electronic component providers), here are the typical technical parameters: | Parameter | Typical Value / Range | | :--- | :--- | | **Inductance** | 1.0 µH to 2.2 µH (Variable by specific sub-model) | | **Tolerance** | ±20% | | **DCR (Direct Current Resistance)** | Very Low (mΩ range) | | **Current Rating (Isat)** | High (Typically 10A - 25A depending on size) | | **Operating Temperature** | -40°C to +125°C | | **Construction** | Metal Alloy / Shielded | --- ### 2. Key Features * **Metal Composite Core:** Unlike traditional ferrite inductors, these use a metal powder core. This allows for a "soft saturation" characteristic, meaning the inductance drops gradually rather than abruptly as current increases. * **Magnetic Shielding:** The molded construction naturally shields the component, minimizing Electromagnetic Interference (EMI) with surrounding components on the PCB. * **Low DCR:** The use of flat wire or optimized copper windings reduces power loss through heat, making it highly efficient. * **Compact Footprint:** The "13MD" designation usually refers to the physical dimensions (approximately 13.5mm x 12.5mm), providing high power density in a small space. --- ### 3. Application Areas The MEPF-13MD-R is primarily found in circuits requiring high current and high efficiency: 1. **Voltage Regulator Modules (VRMs):** Used in CPU and GPU power supplies for laptops and servers. 2. **DC-DC Converters:** Point-of-Load (POL) converters where stepping down voltage (e.g., 12V to 1.2V) is required. 3. **Automotive Electronics:** Powering infotainment systems or ADAS sensors. 4. **Battery Powered Devices:** High-efficiency power management to extend battery life. --- ### 4. Comparison: Metal Composite vs. Ferrite | Feature | Metal Composite (MEPF) | Traditional Ferrite | | :--- | :--- | :--- | | **Saturation** | Soft (Gradual) | Hard (Sudden) | | **Acoustic Noise** | Low (Solid molded body) | Higher (Possible vibration) | | **EMI Shielding** | Excellent | Good | | **Size** | More compact for high current | Bulkier for high current |
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current (Isat) for the 1.0uH version of this inductor?
    • ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?
    • ⤷ What are the recommended soldering footprint dimensions for the 13MD package?