Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEPF-13ME-R

  • AI
    The **MEPF-13ME-R** is a high-performance, shielded power inductor typically manufactured by companies like **ITG Electronics**. It is designed for high-density power applications, specifically where low profile and high current capacity are required. --- ### 1. Key Technical Specifications The following table highlights the general characteristics typical for this series of power inductors: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance Range** | 0.10µH to 2.2µH (varies by sub-model) | | **Current Rating (Isat)** | High (often ranging from 15A to 60A) | | **DC Resistance (DCR)** | Ultra-low (mΩ range) | | **Operating Temp** | -55°C to +125°C | | **Construction** | Molded Magnetic Powder | | **Shielding** | Magnetically Shielded (Low EMI) | --- ### 2. Physical Design and Features The "MEPF" series utilizes specific engineering techniques to optimize performance in compact spaces: * **Flat Wire Technology:** Unlike standard round-wire inductors, these often use flat copper wire. This increases the cross-sectional area, significantly reducing **DCR** (Direct Current Resistance) and skin effect losses at high frequencies. * **Molded Construction:** The coil is encapsulated in a metal powder composite. This provides a rugged structure and excellent thermal dissipation. * **Magnetic Shielding:** The molded body acts as a natural shield, containing the magnetic flux. This is critical for preventing **EMI (Electromagnetic Interference)** with nearby sensitive components on a PCB. --- ### 3. Application Use Cases Because of its high efficiency and small footprint, the MEPF-13ME-R is commonly found in: 1. **Voltage Regulator Modules (VRMs):** Used in CPU and GPU power delivery on motherboards. 2. **DC/DC Converters:** Essential for "Buck" or "Boost" converters in telecommunications and industrial equipment. 3. **Battery Powered Systems:** Where low DCR is vital to preserving battery life by minimizing heat loss. 4. **High-Density Servers:** Ideal for point-of-load (POL) applications where board space is at a premium. --- ### 4. Part Number Breakdown (Generic Interpretation) While manufacturer codes vary slightly, the nomenclature usually follows this logic: * **MEPF:** Series identifier (Molded, Extra-high Power, Flat-wire). * **13:** Size code (often referring to a 13mm x 13mm footprint). * **ME:** Internal material or height code. * **R:** Indicates the tolerance or packaging (RoHS compliant/Reel).
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the 13ME-R variant?
    • ⤷ How does flat wire technology compare to round wire in power inductors?
    • ⤷ What are the recommended soldering profiles for molded inductors?