Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEPF-13P5W-R

  • AI
    Based on the part number provided, this component is a **High-Current Power Inductor** typically used in automotive and industrial power electronics. It belongs to the **MEPF Series** (Molded Energy Power Ferrite/Flat-wire). ### 1. Part Number Breakdown While specific manufacturers (like Mag Layers or similar magnetic component specialists) use slightly different codes, the standard breakdown for this series is as follows: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | **MEPF** | Molded Power Inductor (Flat-wire technology) | | **Size** | **13** | Approximate footprint (e.g., 13.5mm x 12.5mm) | | **Thickness** | **P5** | Height profile (e.g., 5.0mm to 6.5mm) | | **Inductance** | **W** | Tolerance or specific winding style | | **Compliance** | **-R** | RoHS compliant / Lead-free | --- ### 2. Key Technical Characteristics These parts are engineered for high-density power conversion. Their primary electronic characteristics include: * **Construction:** Metal composite powder molding. This creates a "soft saturation" characteristic, meaning the inductance doesn't drop off sharply when the current increases. * **Winding Type:** **Flat-wire (Rectangular wire)**. Unlike round wire, flat wire minimizes skin effect and allows for a much lower **DCR** (Direct Current Resistance), which reduces heat and improves efficiency. * **Shielding:** Magnetically shielded construction. This minimizes Electromagnetic Interference (EMI) with surrounding components on the PCB. * **AEC-Q200:** Most parts in this size/series are automotive-grade, capable of handling high vibrations and temperatures. --- ### 3. Typical Specifications *Note: Values may vary slightly by manufacturer.* | Parameter | Typical Range/Value | | :--- | :--- | | **Inductance Range** | 0.1µH to 10µH (depends on sub-code) | | **Operating Temperature** | -40°C to +125°C or +155°C | | **Saturation Current (Isat)** | High (often 20A to 60A+) | | **Heating Current (Irms)** | High (often 15A to 40A+) | | **DC Resistance (DCR)** | Extremely low (sub-milliohm to low milliohm) | --- ### 4. Common Applications Due to their high current handling and compact size, the MEPF-13P5W-R is commonly used in: 1. **DC/DC Converters:** Point-of-load (POL) power supplies for CPUs and GPUs. 2. **Automotive Systems:** LED lighting drivers, Infotainment systems, and ADAS modules. 3. **Industrial Power:** High-efficiency buck/boost regulators. 4. **Battery Management:** High-current charging circuits. --- ### 5. Schematic Symbol & Footprint ```text L1 (Inductor) +----(nnnn)----+ | | In Out ``` *The footprint is a 2-pad Surface Mount Device (SMD). Ensure the PCB land pattern accounts for the large solder pads required to dissipate heat.*
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value for the 13P5W-R variant?
    • ⤷ How does flat-wire technology compare to round-wire in terms of efficiency?
    • ⤷ Are there recommended substitutes for the MEPF series in automotive designs?