Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEPF-14MB-R

  • AI
    The **MEPF-14MB-R** is a high-performance, shielded power inductor typically manufactured by companies like **Sumida** or similar specialty magnetic component providers. It is designed for automotive and industrial applications where high reliability and power density are required. --- ## 1. Technical Specifications The following table outlines the core electronic characteristics of the MEPF-14MB-R series: | Parameter | Typical Value / Range | Unit | | :--- | :--- | :--- | | **Inductance Range** | 0.68 to 10.0 (Model Dependent) | µH | | **DC Resistance (DCR)** | 1.1 to 15.0 (Approx.) | mΩ | | **Saturation Current (Isat)** | 10 to 45 | A | | **Temperature Rise Current (Irms)** | 15 to 35 | A | | **Operating Temperature** | -40 to +150 (AEC-Q200 Grade) | °C | | **Size (L x W x H)** | ~14.5 x 13.5 x 11.5 | mm | --- ## 2. Key Electronic Features ### A. Magnetic Shielding The "M" in the prefix often denotes a metal composite or shielded construction. This helps in: * **EMI Reduction:** Minimizing electromagnetic interference with surrounding components. * **Flux Containment:** Ensuring the magnetic field stays within the inductor core to improve efficiency. ### B. Soft Saturation Characteristics Unlike ferrite core inductors that have a sharp drop in inductance when current limits are reached, the MEPF-14MB-R usually employs a metal powder core. This provides a **"soft saturation"** curve, meaning the inductance decreases gradually as current increases, preventing sudden circuit failures. ### C. AEC-Q200 Qualification The "-R" suffix often indicates compliance with environmental standards (like RoHS) and high-stress testing. These parts are built to withstand: * High vibration environments. * Extreme thermal cycling. * Mechanical shocks. --- ## 3. Common Applications These inductors are primarily used in high-current DC-DC converters and power modules. 1. **Automotive Systems:** LED Headlights, ADAS (Advanced Driver Assistance Systems), and Infotainment power rails. 2. **Industrial Power:** High-efficiency buck/boost converters for automation controllers. 3. **Server/Telecom:** High-density power supplies requiring low DCR to minimize heat loss. --- ## 4. Internal Construction Example ```yaml Component: MEPF-14MB-R Inductor Structure: - Core: Metal Powder Composite (Low loss) - Wire: Flat Copper Wire (To maximize current handling/lower DCR) - Coating: Heat-resistant resin - Terminals: Lead-free (Sn) plated copper ```
    ✨ Follow-up Questions
    • ⤷ What are the specific saturation current limits for the 2.2µH variant of this series?
    • ⤷ How does the flat wire construction benefit the DCR compared to round wire?
    • ⤷ Is there a direct equivalent from TDK or Vishay for this specific footprint?