Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEPF-14MB-R/Q

  • AI
    The **MEPF-14MB-R/Q** is a high-performance **Electromagnetic EMI Filter** (specifically a power line filter) typically used in industrial and medical applications to suppress electromagnetic interference. --- ### 1. General Specifications The part is designed to mitigate noise on power lines, ensuring that electronic equipment complies with electromagnetic compatibility (EMC) standards. | Feature | Description | | :--- | :--- | | **Component Type** | EMI/RFI Power Line Filter | | **Mounting Type** | Chassis Mount / Panel Mount | | **Circuit Configuration** | Dual Stage (Higher attenuation) | | **Typical Voltage** | 115V / 250V AC | | **Termination** | Faston (Quick-connect) or Bolt terminals | --- ### 2. Core Electronic Components Inside the MEPF-14MB-R/Q, several passive components work together to form a low-pass filter: #### A. Common Mode Chokes (L) * **Function:** These are inductors wound on a single core. They provide high impedance to common-mode noise (noise traveling in the same direction on both lines) while allowing the power current to pass. * **Material:** Usually ferrite or nanocrystalline cores. #### B. X-Capacitors (Line-to-Line) * **Function:** These capacitors are placed across the "Line" and "Neutral." They are designed to suppress differential mode interference. * **Safety:** They are "X-rated," meaning they are designed to fail safely without causing a fire if they short-circuit. #### C. Y-Capacitors (Line-to-Ground) * **Function:** These are connected from the lines to the metal chassis (earth ground). They filter out common-mode noise by shunting it to the ground. * **Note:** The "R/Q" designation often refers to specific leakage current ratings (e.g., low leakage for medical safety). #### D. Bleeder Resistor * **Function:** A high-resistance resistor placed across the X-capacitors to discharge stored energy once power is disconnected, preventing electric shock to the user. --- ### 3. Suffix Meanings (R/Q) In the context of MEPF series filters: * **-R:** Often denotes **RoHS Compliance** (Restriction of Hazardous Substances). * **-Q:** Usually indicates **Fast-on Terminals** (6.3mm lugs) or a specific **Medical Grade** rating with low leakage current requirements. --- ### 4. Circuit Diagram Representation The internal schematic typically follows a Pi ($\pi$) or T-filter topology: ```text Line In ----[ L1 ]----( Cx )----[ L2 ]---- Line Out | | ( Cy ) ( Cy ) | | GND ---------------------------------- GND ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the MEPF-14MB series?
    • ⤷ What is the difference between standard and medical grade EMI filters?
    • ⤷ How do I calculate the insertion loss for this specific filter?