Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEPF-14MF-R

  • AI
    The **MEPF-14MF-R** is a high-performance, shielded power inductor typically manufactured by companies like **ITG Electronics**. It is designed for high-frequency DC-DC converters, point-of-load (POL) applications, and high-current power supplies. --- ### 1. Key Technical Specifications The "MEPF" series is characterized by its molded construction, which provides excellent magnetic shielding and high saturation current. | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance** | Specified by the value code (e.g., 0.22µH to 10µH) | | **Current Rating** | High (often up to 40A+ depending on specific inductance) | | **Construction** | Metal Alloy Powder (Molded) | | **Shielding** | Magnetically Shielded (Low EMI) | | **Operating Temp** | -55°C to +125°C (including self-heating) | | **RoHS Status** | Compliant (indicated by the **-R** suffix) | --- ### 2. Breakdown of the Part Number While specific manufacturer numbering can vary slightly, the code generally follows this logic: * **MEPF**: Series designation (Metal Electronic Powder Filter/Inductor). * **14**: Often refers to the physical size/footprint (e.g., ~14mm length). * **MF**: Material or Revision code (Flat-wire or specific powder mix). * **-R**: Indicates RoHS (Restriction of Hazardous Substances) compliance. --- ### 3. Core Electronic Features #### A. Molded Technology Unlike traditional wire-wound inductors with an open core, the MEPF-14MF-R uses a **molded powder** design. The copper coil is embedded directly into a metallic powder composite. This results in: * **Soft Saturation:** The inductance doesn't drop off sharply when current increases. * **Low Audible Noise:** The solid construction prevents the "coil whine" often heard in power circuits. #### B. High Current Handling Because these parts often use **flat-wire** technology, they have a larger surface area for current flow, reducing the DC Resistance (DCR) and minimizing heat generation. #### C. Shielding and EMI The composite powder body acts as a natural shield, containing the magnetic flux within the component. This is critical for dense PCB layouts where electromagnetic interference (EMI) could disrupt nearby sensitive components. --- ### 4. Common Applications * **Voltage Regulator Modules (VRMs):** Found in high-end motherboards and servers. * **DC-DC Converters:** Used in automotive and industrial power systems. * **Graphic Cards (GPUs):** Handling the high-current demands of modern processors. * **Telecom Infrastructure:** Providing stable power for base stations. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the 14MF variant?
    • ⤷ How does 'soft saturation' improve circuit stability compared to ferrite cores?
    • ⤷ What are the PCB footprint dimensions for the 14 size series?