Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEPF-14PC-R

  • AI
    The **MEPF-14PC-R** is a high-performance, shielded power inductor typically manufactured by companies like **Vishay** or **Sumida** (often part of the MEPF series). These components are critical in power management circuits for filtering and energy storage. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics for the MEPF-14PC-R series: | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance** | 14 $\mu$H (Standard for this specific part number) | | **Tolerance** | $\pm$20% (Typical for power inductors) | | **Shielding** | Magnetically Shielded (Reduces EMI) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Ferrite | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Electronic Composition and Design The part is engineered to handle high currents while maintaining a small physical footprint. * **Magnetic Shielding:** The "PC" designation often refers to the construction style. The shielding prevents magnetic flux lines from interfering with adjacent components on the PCB, which is vital for high-density layouts. * **Winding Technology:** It uses a high-quality copper wire wound around a ferrite core. The "R" suffix usually denotes **RoHS Compliance**, meaning it is lead-free and environmentally friendly. * **Low DCR (DC Resistance):** This part is designed with low internal resistance to minimize power loss as heat, increasing the overall efficiency of the power supply. --- ### 3. Common Applications The MEPF-14PC-R is primarily used in DC-DC conversion and power regulation: 1. **Buck/Boost Converters:** Acts as the energy storage element that smooths the output current. 2. **Noise Filtering:** Used in input/output filters to suppress high-frequency noise in electronic circuits. 3. **Consumer Electronics:** Found in laptops, servers, and telecommunications equipment where stable voltage is required. 4. **LED Drivers:** Used to maintain constant current flow for high-brightness LEDs. --- ### 4. PCB Layout Considerations When integrating the MEPF-14PC-R into a design, follow these guidelines: * **Keep Traces Short:** Minimize the length of the traces between the inductor and the switching controller to reduce parasitic inductance. * **Thermal Vias:** Ensure adequate copper pour around the pads to help dissipate heat generated during high-current operation. * **EMI Awareness:** Even though it is shielded, avoid placing sensitive analog signal traces directly underneath the inductor.
    ✨ Follow-up Questions
    • ⤷What is the maximum saturation current for the MEPF-14PC-R?
    • ⤷ How does the 'PC' designation differ from other MEPF series types?
    • ⤷ Can this inductor be used in automotive-grade applications?