Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MEWT-31A-R

  • AI
    ## Technical Overview: MEWT-31A-R The **MEWT-31A-R** is a specific model of an **electromagnetic water meter** (often categorized as a "smart" or "electronic" water meter), typically utilized in industrial and commercial plumbing systems. It relies on Faraday's Law of Induction to measure flow without moving parts. --- ### 1. Key Electronic Components The device integrates several electronic sub-systems to measure, process, and transmit flow data: | Component | Function | | :--- | :--- | | **Electromagnetic Sensor** | Consists of coils that generate a magnetic field and electrodes that pick up the voltage induced by the flowing water. | | **Signal Processor (DSP)** | A Digital Signal Processor converts the raw analog micro-voltages into digital flow rate data. | | **LCD Module** | A digital display that provides real-time information such as total consumption, flow rate, and error codes. | | **Lithium Battery / Power Circuit** | Usually powered by a high-capacity 3.6V lithium battery designed for a 6–10 year lifespan. | | **Communication Module** | Often includes an M-Bus, RS-485 (Modbus), or Pulse Output interface for remote reading. | --- ### 2. Operating Principle The electronic operation follows these steps: 1. **Field Generation:** The internal circuitry pulses current through coils to create a constant magnetic field. 2. **Induction:** As conductive water flows through the field, it generates a voltage proportional to its velocity. 3. **Detection:** Two stainless steel electrodes detect this voltage. 4. **Conversion:** The electronic "converter" amplifies the signal and filters out electronic noise. 5. **Output:** The data is stored in non-volatile memory and transmitted via the chosen communication protocol. --- ### 3. Specifications & Features * **Non-Mechanical:** Since there are no moving impellers, it is resistant to wear from sand or debris. * **Bi-directional Measurement:** The electronics can distinguish between forward and reverse flow. * **Protection Class:** Usually rated **IP68**, meaning the electronic enclosure is completely waterproof and submersible. * **Sensitivity:** High electronic sensitivity allows for the detection of very low "start-up" flow rates that mechanical meters might miss. --- ### 4. Wiring and Interface (Typical) The "-R" suffix often denotes a specific remote output configuration. ```json { "Interface_Type": "RS-485 / M-Bus", "Protocol": "Modbus RTU", "Pulse_Equivalent": "10L/Pulse or 100L/Pulse", "Data_Transmitted": ["Cumulative Flow", "Instantaneous Flow", "Battery Status"] } ```
    ✨ Follow-up Questions
    • ⤷ What is the specific communication protocol used by the MEWT-31A-R?
    • ⤷ How do I troubleshoot a 'Low Battery' error on this electronic meter?
    • ⤷ Can this meter be integrated into a building management system (BMS)?