Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MF-MSHT-LAB

  • AI
    The **MF-MSHT-LAB** is a specialized laboratory kit designed for high-temperature testing and characterization of surface-mount components, typically associated with Bourns’ Multifuse® Resettable Fuse (PTC) product lines. Below is an overview of the electronic components and technical specifications associated with this series. --- ## 1. Core Component: PPTC Resettable Fuses The "MF" in the part number stands for **Multifuse**. These are Polymeric Positive Temperature Coefficient (PPTC) devices. ### Functional Behavior | State | Resistance | Current Flow | Temperature | | :--- | :--- | :--- | :--- | | **Normal** | Very Low | Full Current | Ambient / Operational | | **Fault (Trip)** | Very High | Negligible (Leakage) | High (Internal Heating) | ### Key Electronic Characteristics * **$I_{hold}$ (Hold Current):** The maximum current the device can carry without tripping. * **$I_{trip}$ (Trip Current):** The minimum current at which the device is guaranteed to switch to a high-resistance state. * **$V_{max}$:** The maximum voltage the device can withstand without damage. * **$R_{1max}$:** The maximum resistance measured one hour after reflow or tripping. --- ## 2. High-Temperature "HT" Series Features The **MSHT** designation refers to **Medium Surface Mount (MS)** and **High Temperature (HT)**. These parts differ from standard electronics in their material composition: * **Operating Temperature:** Rated up to **+125°C**, whereas standard PTCs are often limited to +85°C. * **Applications:** Ideal for automotive (under-the-hood), industrial sensors, and high-density power supplies where ambient heat is significant. * **Material:** Utilizes a specialized conductive polymer that maintains stability at elevated thermal baselines. --- ## 3. Package and Physical Specifications The components within a Lab Kit usually follow standard SMD (Surface Mount Device) footprints to ensure compatibility with modern PCBs. | Component Series | Package Size (EIA) | Typical Hold Current Range | | :--- | :--- | :--- | | **MF-MSHT020** | 1812 | 0.20 Amps | | **MF-MSHT050** | 1812 | 0.50 Amps | | **MF-MSHT125** | 1812 | 1.25 Amps | | **MF-MSHT175** | 1812 | 1.75 Amps | --- ## 4. Why Use a "LAB" Kit? The **MF-MSHT-LAB** kit is provided to electronic engineers for prototyping. It contains a variety of values so the designer can: 1. **Test Thermal Derating:** Verify how the fuse performs when the enclosure gets hot. 2. **Verify Trip Times:** Measure how long it takes for the circuit to shut down during a short circuit. 3. **Validate Footprints:** Ensure the 1812 (4532 metric) pad layout fits the PCB design. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a PPTC and a standard one-time fuse in high-temperature environments?
    • ⤷ How does thermal derating affect the hold current of the MF-MSHT series?
    • ⤷ Can you provide the specific trip time formula for these PPTC devices?