Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MF-R50

  • AI
    The **MF-R50** is a specific model of **PTC (Positive Temperature Coefficient) Resettable Fuse**, commonly manufactured by companies like Bourns. These components are designed to protect electronic circuits from overcurrent conditions. --- ## 1. Technical Specifications The "50" in MF-R50 typically refers to its **Hold Current**. Below are the key electrical parameters: | Parameter | Value | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.50 Amps | The maximum current the device will pass without tripping. | | **Trip Current ($I_{trip}$)** | 1.00 Amps | The minimum current at which the device will switch to high resistance. | | **Max Voltage ($V_{max}$)** | 60V | The maximum voltage the device can withstand without damage. | | **Max Current ($I_{max}$)** | 40A | The maximum fault current the device can safely interrupt. | | **Package Type** | Radial Leaded | Through-hole mounting (circular "disk" shape). | --- ## 2. How it Works (PTC Principle) Unlike a standard one-time fuse that blows and must be replaced, the MF-R50 is "resettable." 1. **Normal State:** The device has a very low resistance, allowing current to flow to the load. 2. **Fault State:** If the current exceeds 1.0A (Trip Current), the internal polymer heats up, causing its resistance to increase exponentially. This effectively "shuts off" the circuit. 3. **Reset State:** Once the fault is removed and the power is cycled (allowing the device to cool down), it returns to a low-resistance state. --- ## 3. Physical Characteristics * **Material:** Conductive polymer combined with carbon black. * **Coating:** Yellow or orange flame-retardant epoxy polymer (conforming to UL 94V-0). * **Marking:** Usually marked with the manufacturer logo, "R050" or "MF-R050". --- ## 4. Common Applications The MF-R50 is widely used in low-voltage electronics where occasional overcurrents might occur: * **USB Port Protection:** Limiting current to peripherals. * **Loudspeakers:** Protecting tweeters from power surges. * **Power Supplies:** Secondary side protection for transformers. * **Medical Equipment:** General circuit safety. * **Automotive Electronics:** Protection for small motors or sensors. --- ## 5. Comparison: MF-R50 vs. Standard Fuse | Feature | MF-R50 (Resettable) | Standard Glass/Ceramic Fuse | | :--- | :--- | :--- | | **Maintenance** | None (Resets itself) | Manual Replacement Required | | **Response Time** | Slower (Thermal based) | Faster (Instantaneous melting) | | **Resistance** | Higher | Lower | | **Reliability** | Good for repeated minor faults | Best for catastrophic failure protection |
    ✨ Follow-up Questions
    • ⤷What is the difference between hold current and trip current in PTC fuses?
    • ⤷ How long does it take for an MF-R50 to reset after a fault?
    • ⤷ Can the MF-R50 be used in AC circuits or is it DC only?