Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MF-RHT11

  • AI
    The **MF-RHT1100** (often referred to in the MF-RHT series) is a **Radial Leaded PPTC (Polymeric Positive Temperature Coefficient)** resettable fuse. These components are specifically designed for overcurrent protection in high-temperature environments, such as automotive or industrial electronics. --- ### 1. Key Technical Specifications The "1100" in the part number typically refers to the hold current ($I_{hold}$) of 11.0 Amperes. | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 11.0 A | The maximum current the device will pass without tripping at 23°C. | | **Trip Current ($I_{trip}$)** | 22.0 A | The minimum current at which the device will switch to a high resistance state. | | **Max Voltage ($V_{max}$)** | 16V | The maximum voltage the device can withstand without damage. | | **Max Current ($I_{max}$)** | 100A | The maximum fault current the device can safely interrupt. | | **Operating Temp Range** | -40°C to +125°C | Designed for high-ambient temperature applications. | --- ### 2. How it Works (PPTC Principle) The MF-RHT1100 acts like a "resettable fuse" through the following process: 1. **Normal State:** The conductive particles in the polymer matrix form low-resistance chains, allowing current to flow. 2. **Overcurrent Event:** Excessive current causes $I^2R$ heating. 3. **Tripped State:** Once the temperature reaches a critical point, the polymer expands, breaking the conductive chains. The resistance increases dramatically, limiting the current to a safe leakage level. 4. **Reset:** Once the fault is removed and the device cools down, the polymer contracts, and the device returns to a low-resistance state. --- ### 3. Features and Material Composition * **High Temperature Material:** Unlike standard PTCs (which usually operate up to 85°C), the RHT series uses materials that remain stable up to **125°C**. * **AEC-Q200 Compliance:** Most MF-RHT parts are automotive grade, meaning they undergo rigorous stress testing for vibration, thermal shock, and moisture. * **Form Factor:** Radial leaded (through-hole) design with a flame-retardant epoxy polymer coating (meeting UL 94V-0). --- ### 4. Typical Applications * **Automotive:** Protection for motors (power windows, seats), electronic control units (ECUs), and wire harnesses. * **Industrial:** Protection for heavy-duty power supplies and control circuits subject to high ambient heat. * **Battery Packs:** Protecting high-capacity battery cells from short circuits. --- ### 5. Selection Considerations When designing with the MF-RHT1100, engineers must consider **Thermal Derating**. Because the device is thermally activated, its hold current ($I_{hold}$) decreases as the ambient temperature increases. At 125°C, the actual current it can hold is significantly lower than its 11A rating at 23°C.
    ✨ Follow-up Questions
    • ⤷ How does the thermal derating curve affect the choice of MF-RHT1100 in an engine compartment?
    • ⤷ What is the difference between a standard PPTC and the high-temperature RHT series?
    • ⤷ What are the typical 'Time-to-Trip' characteristics for this specific fuse?