Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MF-RX012U

  • AI
    The **MF-RX012U** is a specific model of Radial Leaded **PTC (Positive Temperature Coefficient) Resettable Fuse**, manufactured by Bourns. These components are widely used for overcurrent protection in electronic circuits. --- ## 1. Technical Specifications The "MF-RX" series is known for its high voltage ratings and reliability. Below are the key electrical parameters for the **012U** variant: | Parameter | Value | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.12 A | The maximum current the device will pass without tripping. | | **Trip Current ($I_{trip}$)** | 0.24 A | The minimum current at which the device will switch to high resistance. | | **Max Voltage ($V_{max}$)** | 60 V | The maximum voltage the device can withstand without damage. | | **Max Current ($I_{max}$)** | 40 A | The maximum fault current the device can safely interrupt. | | **Power Dissipation** | 1.0 W | Typical power dissipated when in the tripped state. | | **Resistance ($R_{min}/R_{max}$)** | 1.50 $\Omega$ / 6.00 $\Omega$ | Resistance range before the first trip event. | --- ## 2. Key Features & Mechanism The MF-RX012U functions as a "resettable fuse" using a conductive polymer. ### How it Works: 1. **Normal State:** Under normal current levels, the conductive particles inside the polymer form a low-resistance path. 2. **Trip State:** When an overcurrent or short-circuit occurs, the temperature of the polymer rises. The polymer expands, breaking the conductive chains and increasing resistance dramatically. This limits the current to a safe "leakage" level. 3. **Reset State:** Once the power is removed and the fault is cleared, the device cools down, the polymer contracts, and the low-resistance path is restored. ### Physical Attributes: * **Package:** Radial Leaded (Through-hole). * **Material:** Cured, flame-retardant epoxy polymer (meeting UL 94V-0). * **Lead Wire:** Tin-plated copper. --- ## 3. Common Applications The MF-RX012U is typically found in low-power circuits where space is available for through-hole components: * **Telecommunications:** Protection for line cards and modems. * **Industrial Controls:** Overcurrent protection for sensors and PLCs. * **Power Supplies:** Secondary protection for transformers. * **Computer Peripherals:** Protecting I/O ports and logic circuits. --- ## 4. Usage Considerations When designing with the MF-RX012U, keep the following in mind: * **Ambient Temperature:** Like all PTCs, the $I_{hold}$ decreases as the ambient temperature increases (Thermal Derating). * **Time to Trip:** This model is not instantaneous. At 5x the hold current (0.6A), it typically takes about **1.0 second** to trip. * **Voltage Rating:** Never exceed the 60V rating, as arcing can occur during a trip event, permanently damaging the part.
    ✨ Follow-up Questions
    • ⤷ How does temperature derating affect the hold current of the MF-RX012U?
    • ⤷ What is the difference between the MF-RX series and the MF-SM series?
    • ⤷ Can this component be used in AC power applications?