Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MF-RX014/250

  • AI
    ## Technical Overview of the MF-RX014/250 The **MF-RX014/250** is a specialized electronic component known as a **Polymer Positive Temperature Coefficient (PPTC)** resettable fuse. It is part of the Multifuse® line manufactured by Bourns. Unlike traditional fuses that blow and must be replaced, a PPTC increases its resistance significantly when an overcurrent or over-temperature condition occurs, effectively "opening" the circuit. Once the fault is removed and the device cools down, it resets itself. --- ### Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.14 Amps (140mA) | | **Trip Current ($I_{trip}$)** | 0.28 Amps (280mA) | | **Rated Voltage ($V_{max}$)** | 60V Continuous / 250V Interrupt | | **Max Current ($I_{max}$)** | 3.0 Amps | | **Power Dissipation** | 1.0 Watt (Typical) | | **Initial Resistance ($R_{min}/R_{max}$)** | 3.5 $\Omega$ to 6.5 $\Omega$ | | **Mounting Type** | Through-hole (Radial Leaded) | --- ### Functional Characteristics 1. **Resettable Protection**: It provides overcurrent protection without requiring manual replacement after a fault. 2. **High Voltage Rating**: The "250" in the part number indicates its ability to withstand up to 250V during intermittent fault conditions (specifically designed for telecom applications). 3. **Slow Trip Time**: Compared to electronic fuses, PPTCs have a thermal lag, making them ideal for handling temporary inrush currents without nuisance tripping. ### Common Applications * **Telecommunications**: Protection against AC power cross and lightning surges in line cards. * **Customer Premise Equipment (CPE)**: Modems, routers, and set-top boxes. * **Power Supplies**: Low-voltage transformers and power adapters. * **Industrial Controls**: Protection for sensors and sensitive control loops. --- ### Physical Dimensions The device is a small, radial-leaded "disk" typically coated in a flame-retardant epoxy polymer. ```text _____ / \ | MF | | RX014 | <-- Typical Marking | 250 | \_____/ | | | | <-- Solder Leads ```
    ✨ Follow-up Questions
    • ⤷ How does temperature affect the hold current of the MF-RX014/250?
    • ⤷ What is the difference between the 60V and 250V ratings for this specific part?
    • ⤷ How fast does this fuse trip at 1.0 Amp of current?