Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MF-RX018U

  • AI
    ## Technical Overview of MF-RX018U The **MF-RX018U** is a specific electronic component belonging to the **PTC (Positive Temperature Coefficient)** Resettable Fuse family, manufactured primarily by Bourns. It is widely used for overcurrent protection in electronic circuits. ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Hold Current ($I_{hold}$)** | 0.18 Amps (180mA) | | **Trip Current ($I_{trip}$)** | 0.36 Amps (360mA) | | **Rated Voltage ($V_{max}$)** | 60 Volts | | **Maximum Current ($I_{max}$)** | 40 Amps | | **Typical Power ($P_d$)** | 0.58 Watts | | **Mounting Type** | Through-Hole (Radial Leaded) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Principles The MF-RX018U acts as a **Multifuse**. Unlike traditional fuses that blow and must be replaced, this device "resets" once the fault is cleared and the temperature drops. * **Normal Operation:** The device maintains low resistance, allowing current to flow to the load. * **Overcurrent Event:** Excessive current causes $I^2R$ heating within the polymer. The material expands, significantly increasing its resistance. * **Tripped State:** It limits the current to a safe, low level. * **Resetting:** Once power is removed and the device cools down, the polymer chains reconnect, and the resistance returns to a low state. --- ### 3. Physical Dimensions and Construction The "RX" series typically features a circular or rectangular "teardrop" shape coated in flame-retardant epoxy. ```text ___ / \ <-- Flame retardant epoxy | 018 | <-- Marking (Hold Current) | U | <-- Series/Lot code \_____/ | | | | <-- Tin-plated copper leads ``` --- ### 4. Common Applications Due to its low hold current (180mA) and high voltage rating (60V), it is ideal for: 1. **Industrial Controls:** Protecting sensors and PLC I/O ports. 2. **Computer Peripherals:** USB ports or low-power logic circuits. 3. **Telecommunications:** Protection against power crosses or lightning surges on signal lines. 4. **Security Systems:** Protecting alarm sensors and low-voltage power rails.
    ✨ Follow-up Questions
    • ⤷ What is the difference between hold current and trip current in this fuse?
    • ⤷ How does ambient temperature affect the performance of the MF-RX018U?
    • ⤷ Can this component be used in AC circuits or is it DC only?