Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MF-RX040/72

  • AI
    ### MF-RX040/72 Electronic Component Overview The **MF-RX040/72** is a specific model of **Resettable PTC (Positive Temperature Coefficient) Fuse**, manufactured by Bourns. It is part of the Multifuse® line and is primarily used for overcurrent protection in electronic circuits. --- ### 1. Key Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.40 A | The maximum current the device will pass without tripping. | | **Trip Current ($I_{trip}$)** | 0.80 A | The minimum current that will cause the device to trip. | | **Max Voltage ($V_{max}$)** | 72 V | The maximum voltage the device can withstand. | | **Max Current ($I_{max}$)** | 40 A | The maximum fault current the device can safely handle. | | **Resistance ($R_{min}$ / $R1_{max}$)** | 0.55 / 1.29 $\Omega$ | Initial resistance range (at 23°C). | | **Power Dissipation** | 0.84 W | Power dissipated when in the tripped state. | --- ### 2. Functional Characteristics #### How it Works Unlike a standard one-time fuse that blows and must be replaced, the MF-RX040/72 acts like a thermal resistor. 1. **Normal State:** Under normal load, it has very low resistance. 2. **Fault State:** When excessive current flows, internal heating causes the polymer structure to expand, significantly increasing its resistance and limiting the current to a safe level. 3. **Recovery:** Once the fault is removed and the device cools down, it "resets" back to a low-resistance state. #### The "72" Designation The "/72" in the part number indicates the maximum operating voltage rating of **72 Volts**. This makes it particularly suitable for industrial and telecommunications applications where higher voltage swings occur compared to standard 5V or 12V consumer electronics. --- ### 3. Physical Attributes * **Package Type:** Radial Leaded (Through-hole). * **Material:** Conductive polymer. * **Environmental:** RoHS compliant and halogen-free. * **Operating Temperature:** Typically rated from $-40^\circ\text{C}$ to $+85^\circ\text{C}$. --- ### 4. Common Applications * **Security Systems:** Protection for sensors and control panels. * **Industrial Controls:** Guarding PLC I/O ports. * **Telecommunications:** Protection for line cards and networking equipment. * **Power Supplies:** Secondary protection against short circuits. ---
    ✨ Follow-up Questions
    • ⤷ How does the ambient temperature affect the hold current of the MF-RX040/72?
    • ⤷ What is the typical 'Time to Trip' for this specific fuse at 5 times the hold current?
    • ⤷ Can this component be used in AC voltage circuits or is it DC only?