Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MF-RX160/72

  • AI
    The **MF-RX160/72** is a specific model of a **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured by Bourns. These components are commonly used for overcurrent protection in electronic circuits. --- ### 1. Key Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 1.60 A | The maximum current the device can carry without tripping. | | **Trip Current ($I_{trip}$)** | 3.20 A | The minimum current at which the device will switch to high resistance. | | **Voltage Max ($V_{max}$)** | 72 V | The maximum voltage the device can withstand without damage. | | **Current Max ($I_{max}$)** | 40 A | The maximum fault current the device can safely handle. | | **Power Dissipation ($P_d$)** | 1.9 W | Power dissipated when the device is in a tripped state. | | **Mounting Type** | Radial Leaded | Through-hole mounting for PCBs. | --- ### 2. How it Works (The PPTC Principle) Unlike a standard fuse that "blows" and must be replaced, the MF-RX160/72 is **resettable**. 1. **Normal State:** The conductive polymer is in a crystalline state, allowing current to flow with low resistance. 2. **Fault State:** If an overcurrent occurs, the internal temperature rises. The polymer expands and becomes amorphous, drastically increasing the resistance and "choking" the current flow to a safe level. 3. **Reset State:** Once the power is removed and the fault is cleared, the device cools down, the polymer re-crystallizes, and the resistance returns to a low value. --- ### 3. Application Use Cases Because of its **72V rating**, this specific part is often found in industrial and telecommunications equipment: * **Security Systems:** Protecting sensors and control panels. * **Industrial Controls:** Safeguarding PLC outputs and motor circuits. * **Telecommunications:** Protection against power cross and surge in line cards. * **Power Supplies:** Secondary side protection for transformers and DC-DC converters. --- ### 4. Part Number Breakdown The part number **MF-RX160/72** follows a specific nomenclature: * **MF:** Multifuse (Bourns Brand). * **RX:** Radial Leaded series (Standard through-hole). * **160:** Hold current (1.60 Amps). * **72:** Maximum voltage rating (72 Volts).
    ✨ Follow-up Questions
    • ⤷ What is the typical trip time for the MF-RX160/72 at 5 times the hold current?
    • ⤷ How does ambient temperature affect the hold current rating of this device?
    • ⤷ What are the physical dimensions and lead spacing for this PPTC?