Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MF-RX250U

  • AI
    ## Technical Overview: Bourns MF-RX250U The **MF-RX250U** is a Radial Leaded Polymer Positive Temperature Coefficient (PPTC) resettable fuse, manufactured by Bourns. It is designed to protect electronic circuits from overcurrent and short-circuit conditions. ### 1. Key Technical Specifications Below is a summary of the electrical and physical characteristics of the MF-RX250U: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Ihold** | 2.50 Amps | Maximum current the device will pass without tripping. | | **Itrip** | 5.00 Amps | Minimum current at which the device will trip. | | **Vmax** | 60 Volts | Maximum voltage the device can withstand without damage. | | **Imax** | 40 Amps | Maximum fault current the device can safely interrupt. | | **Pd (typ.)** | 2.50 Watts | Power dissipated from the device when in tripped state. | | **Rmin / R1max** | 0.05Ω / 0.13Ω | Resistance range (initial minimum to post-trip maximum). | | **Operating Temp** | -40°C to +85°C | The functional temperature range of the component. | --- ### 2. Functional Principles The MF-RX250U operates on the **PTC (Positive Temperature Coefficient)** principle: 1. **Normal Operation:** At standard operating currents, the polymer material contains conductive carbon chains, resulting in low resistance. 2. **Fault Condition:** When an overcurrent occurs, the internal temperature of the device rises (Joule heating). Once it reaches the "trip" temperature, the polymer expands. 3. **High Resistance State:** The expansion breaks the carbon chains, causing the resistance to increase exponentially, effectively limiting the current to a safe leakage level. 4. **Resetting:** Once the fault is removed and the power is cycled or the device cools down, the polymer contracts, the carbon chains reconnect, and the device returns to a low-resistance state. --- ### 3. Physical Dimensions and Construction The "U" suffix typically denotes specific lead or packaging variations (often un-coated or specific lead spacing), though generally, it follows the MF-RX series radial lead form. * **Lead Material:** Tin-plated copper. * **Insulation:** Flame retardant epoxy polymer (conforming to UL 94V-0). * **Mounting Type:** Through-hole (Radial leads). ### 4. Common Applications Due to its 60V rating and 2.5A hold current, it is commonly used in: * **Power Supplies:** Protection against output shorts. * **Industrial Controls:** Protecting sensors and actuators. * **Automotive Electronics:** Protection for motors and accessory circuits. * **IEEE 1394 / USB Ports:** Safeguarding high-current data ports. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MF-RX250 and the MF-RX250U variant?
    • ⤷ How does ambient temperature affect the 'Ihold' rating of this PPTC?
    • ⤷ Can this resettable fuse be used in series with a standard glass fuse?