Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MF1302T-R22

  • AI
    The **MF1302T-R22** is an electronic component primarily categorized as a **High-Frequency/High-Current Power Inductor**, often used in automotive and industrial power management circuits. Below is a detailed breakdown of its specifications and electronic characteristics. --- ## 1. Technical Specifications This component is typically a surface-mount (SMD) power inductor designed for high efficiency and low losses. | Parameter | Typical Value / Range | | :--- | :--- | | **Inductance** | 0.22 µH (Microhenries) | | **Inductance Tolerance** | ±20% | | **DC Resistance (DCR)** | Very Low (typically < 1.0 mΩ) | | **Saturation Current (Isat)** | High (often > 40A - 60A depending on series) | | **Operating Temperature** | -40°C to +125°C or +150°C | | **Material** | Metal Alloy / Composite Powder | --- ## 2. Key Electronic Features ### A. Low Core Loss The "MF" series generally utilizes a **metal composite powder core**. Unlike traditional ferrite cores, these do not saturate abruptly. This ensures stable performance even during high current spikes. ### B. Soft Saturation Characteristics As the current increases, the inductance drops gradually rather than crashing. This protects the power supply controller and prevents sudden efficiency drops. ### C. Electromagnetic Interference (EMI) Shielding The component is "shielded" by its own construction. Because the wire is molded inside the metal powder, magnetic leakage is significantly reduced, preventing noise from affecting nearby components on the PCB. ### D. High Current Handling The "R22" (0.22µH) value is very low, which is characteristic of inductors used in **multi-phase buck converters** (Voltage Regulator Modules or VRMs) where extremely high current is delivered at low voltages. --- ## 3. Typical Applications The MF1302T-R22 is found in high-performance power stages, including: * **Automotive Electronics:** ADAS systems, Infotainment power rails, and ECU power supplies. * **Computing:** Server CPU/GPU power delivery (VCore). * **Industrial:** High-efficiency DC-DC converters and Point-of-Load (PoL) modules. --- ## 4. Marking Identification The part number follows a standard naming convention: * **MF:** Series code (Metal Composite). * **1302:** Package size (roughly 13mm x 13mm footprint, 2mm height). * **T:** Packaging type (Taped and Reeled). * **R22:** Inductance value (R = decimal point; 0.22 µH). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the MF1302T-R22?
    • ⤷ How does a metal composite core differ from a ferrite core in power inductors?
    • ⤷ What are the recommended soldering profiles for this SMD component?