Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MF1302T-R39

  • AI
    The **MF1302T-R39** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to a class of molded power inductors designed for high current density and low core loss. --- ## 1. Technical Specifications The part number "R39" typically indicates an inductance value of **0.39 µH**. Below is a summary of the typical characteristics for this component class: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Inductance** | 0.39 | µH | | **Tolerance** | ±20% | % | | **DC Resistance (DCR)** | ~1.1 - 1.5 (Max) | mΩ | | **Saturation Current (Isat)** | 25 - 35 | A | | **Rated Current (Irms)** | 20 - 30 | A | | **Operating Temperature** | -40 to +125 | °C | --- ## 2. Key Electronic Features ### A. Magnetic Powder Molding Unlike traditional wire-wound inductors with a visible bobbin, the MF1302T series uses a metallic powder molding technology. * **Acoustic Noise Reduction:** The solid structure minimizes "coil hum" or magnetostriction noise. * **Magnetic Shielding:** The molded body acts as a natural shield, reducing Electromagnetic Interference (EMI) with neighboring components. ### B. High Saturation Characteristics The "R39" value is optimized for high-frequency switching. The soft saturation curve of the metal powder core ensures that the inductance does not drop abruptly when the current spikes, preventing circuit failure. ### C. Low DCR (DC Resistance) By using flat wire or optimized copper windings, the internal resistance is kept extremely low (measured in milliohms). This results in: * Higher efficiency. * Lower heat generation during high-current operation. --- ## 3. Applications The MF1302T-R39 is primarily found in high-efficiency power stages: 1. **Voltage Regulator Modules (VRM):** Used in CPU and GPU power delivery on motherboards. 2. **Point of Load (POL) Converters:** Providing stable low-voltage rails for FPGAs and ASICs. 3. **Battery Powered Devices:** High-density power supplies for laptops and tablets. 4. **Telecom Infrastructure:** Distributed power systems requiring high reliability. --- ## 4. Footprint and Mounting The "1302" in the part number usually refers to the physical dimensions (approximately 13mm x 13mm base, with a low profile height of ~2mm to 5mm). It is designed for **Automated Optical Inspection (AOI)** and standard SMT reflow soldering processes.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives to the MF1302T-R39 from other manufacturers?
    • ⤷ How does the saturation current (Isat) differ from the rated current (Irms) in this inductor?
    • ⤷ What is the impact of the 0.39uH inductance value on switching frequency?