Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MF1302T-R82

  • AI
    The **MF1302T-R82** is a high-performance, surface-mount (SMD) power inductor, typically categorized within the metal composite or molded power inductor family. These components are essential for voltage regulation and energy storage in modern compact electronics. --- ### ## Technical Specifications Below is a breakdown of the key electronic characteristics for the R82 variant of the 1302 series: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.82 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | ~15 - 20 mΩ (Max) | | **Saturation Current (Isat)** | ~7.0A - 9.0A | | **Heat Rating Current (Irms)** | ~5.0A - 6.5A | | **Operating Temperature** | -40°C to +125°C | | **Case Size** | 1302 (Approx. 3.2 x 2.5 mm) | --- ### ### Key Electronic Features 1. **Metal Composite Structure**: The core is made of a metallic iron powder. Unlike traditional ferrite cores, metal composite cores offer a "soft saturation" characteristic. This means the inductance drops gradually as current increases, rather than dropping sharply, preventing sudden circuit failure. 2. **Magnetic Shielding**: The molded construction naturally shields the component. This reduces Electromagnetic Interference (EMI), making it ideal for high-density PCB layouts where components are packed closely together. 3. **Low DCR (DC Resistance)**: The "R82" (0.82µH) value is optimized for high-frequency switching. The low resistance minimizes power loss due to heat, significantly increasing the efficiency of power converters. --- ### ### Common Applications The MF1302T-R82 is primarily used in **DC-DC Converters** (Buck, Boost, or Buck-Boost topologies). Specific device applications include: * **Smartphones & Tablets**: Localized power supply for CPUs and GPUs. * **SSD Drives**: Power management for high-speed data storage. * **Wearables**: Small footprint allows for integration in smartwatches and IoT sensors. * **Laptops**: Voltage Regulator Modules (VRM). --- ### ### Circuit Implementation In a typical buck converter circuit, the inductor is placed at the output stage to smooth the current: ```spice * Simple Buck Stage Representation Vin ---- [Switch/MOSFET] ----+---- [MF1302T-R82 Inductor] ---- Vout | | [Diode/Sync FET] [Filter Cap] | | GND GND ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Irms for this inductor?
    • ⤷ How does the 'soft saturation' of metal composite cores benefit power supplies?
    • ⤷ What are the recommended soldering profiles for the 1302 SMD package?