Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MF1304T-R22

  • AI
    The **MF1304T-R22** is a high-current, low-profile power inductor typically used in DC-DC converters and voltage regulator modules. It belongs to a class of surface-mount devices (SMD) designed for high-density electronic assemblies. --- ## 1. Technical Specifications The following table highlights the primary electrical and physical characteristics of the MF1304T-R22: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Inductance** | 0.22 | µH | | **Tolerance** | ±20% | % | | **DC Resistance (DCR)** | ~0.8 to 1.2 (Max) | mΩ | | **Saturation Current (Isat)** | ~30 - 45 | A | | **Operating Temperature** | -40 to +125 | °C | | **Dimensions (L x W x H)** | Approx 13.5 x 13.0 x 4.0 | mm | --- ## 2. Key Electronic Components & Construction The "electronic parts" of this inductor involve its internal material composition and physical build: ### Core Material * **Metal Alloy Powder:** Unlike traditional ferrite cores, this inductor uses a composite metal powder core. This allows for a "soft" saturation characteristic, meaning the inductance drops gradually rather than abruptly as current increases. * **Magnetically Shielded:** The construction is naturally shielded, which reduces Electromagnetic Interference (EMI) with surrounding components on the PCB. ### Winding Structure * **Flat Wire Technology:** It typically utilizes flat copper wire rather than round wire. This maximizes the cross-sectional area, significantly reducing DC resistance (DCR) and allowing for higher current handling in a smaller footprint. * **Lead-Frame Construction:** The wire ends are often directly connected to the underside terminals to minimize resistance and improve thermal dissipation. --- ## 3. Applications The MF1304T-R22 is specialized for high-efficiency power management in modern electronics: 1. **CPU/GPU Power Supplies:** Used in Multi-phase buck converters for processors. 2. **High-Current POL Converters:** Point-of-Load modules for telecommunications. 3. **Laptop/Server Motherboards:** Providing stable current for high-speed logic circuits. 4. **Distributed Power Systems:** Where space is limited but current demand is high. --- ## 4. Advantages & Trade-offs ### Advantages * **Extremely Low DCR:** Minimizes power loss (heat) during operation. * **High Current Density:** Handles high peak currents without failing. * **Low Profile:** The 4.0mm height (indicated by the '04' in some naming conventions) makes it suitable for slim devices. ### Trade-offs * **Price:** Metal alloy inductors are generally more expensive than standard ferrite drums. * **Inductance Stability:** Inductance varies slightly more with temperature compared to high-grade ferrites.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R22' suffix in the part number?
    • ⤷ How does a metal alloy core compare to a ferrite core in terms of EMI performance?
    • ⤷ Which manufacturers typically produce the MF1304T series?