Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MF1304T-R33

  • AI
    The **MF1304T-R33** is a high-current, low-profile power inductor typically used in DC-DC converter applications. It belongs to a class of surface-mount devices (SMD) designed for high-efficiency power management. --- ### 1. Key Technical Specifications The part number follows a standard nomenclature for power inductors. Below are the typical characteristics associated with this specific model: | Parameter | Value (Typical) | | :--- | :--- | | **Inductance** | 0.33 µH (R33) | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | ~0.8 to 1.2 mΩ | | **Saturation Current (Isat)** | ~30A - 45A (varies by manufacturer) | | **Operating Temperature** | -40°C to +125°C | | **Construction** | Metal Alloy / Magnetic Shielded | --- ### 2. Component Composition & Structure The MF1304T-R33 is engineered to handle high power density in a small footprint. * **Core Material:** Usually made of a carbonyl iron powder or a metal alloy composite. This allows for soft saturation characteristics (the inductance doesn't drop off instantly when current increases). * **Shielding:** It is a **magnetically shielded** component. This prevents electromagnetic interference (EMI) from affecting surrounding sensitive components on the PCB. * **Terminals:** Lead-free (RoHS compliant) construction with solderable pads designed for automated SMT (Surface Mount Technology) assembly. --- ### 3. Applications Due to its low inductance (0.33 µH) and high current capability, this part is ideal for: * **Voltage Regulator Modules (VRMs):** Found in CPUs and GPUs where high current and fast transient responses are required. * **Point of Load (POL) Converters:** Used in telecommunications and server motherboards. * **Battery Powered Devices:** High-efficiency DC-DC buck or boost converters. --- ### 4. Circuit Implementation In a typical buck converter circuit, the inductor is placed after the switching MOSFETs to smooth the output current. ```spice * Simple representation of MF1304T-R33 in a Buck Converter [Switching Node] ---- [MF1304T-R33 (0.33uH)] ---- [V_out / Load] | [Output Capacitor] | [GND] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the dimensions (footprint) of the 1304 series inductor?
    • ⤷ How does the 'soft saturation' of metal alloy inductors compare to ferrite cores?
    • ⤷ What is the recommended solder profile for the MF1304T series?