Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MFBA2V1005-101-R

  • AI
    ## MFBA2V1005-101-R: Electronic Component Overview The **MFBA2V1005-101-R** is a Surface Mount Device (SMD) Multilayer Ferrite Chip Bead. These components are primarily used for EMI (Electromagnetic Interference) suppression in electronic circuits. --- ### Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Ferrite Chip Bead | | **Case Size (EIA)** | 0402 | | **Case Size (Metric)** | 1005 (1.0mm x 0.5mm) | | **Impedance** | 100 $\Omega$ | | **Test Frequency** | 100 MHz | | **DC Resistance (Max)** | 0.20 $\Omega$ - 0.50 $\Omega$ (Typical range for this series) | | **Rated Current** | 100mA - 500mA (Depending on specific manufacturer tolerance) | | **Operating Temperature** | -55°C to +125°C | --- ### Part Number Breakdown Understanding the nomenclature helps in identifying the component's physical and electrical characteristics: 1. **MFBA**: Series Prefix (Multilayer Ferrite Bead, high-frequency attenuation). 2. **2V**: Voltage or Series designation (often specific to the manufacturer's material type). 3. **1005**: Metric dimensions (1.0mm length x 0.5mm width). Equivalent to **0402** in inches. 4. **101**: Impedance code. The first two digits are significant figures, and the third is the multiplier ($10 \times 10^1 = 100 \Omega$). 5. **R**: Standard packaging indicator (usually "Tape and Reel"). --- ### Key Applications * **Filtering:** Used to suppress high-frequency noise in power lines and signal lines. * **Consumer Electronics:** Found in smartphones, tablets, and laptops to prevent RF interference. * **Data Lines:** Ideal for USB, HDMI, and other high-speed data interfaces to ensure signal integrity. * **Power Decoupling:** Placed near IC power pins to reduce "ringing" and ripples. --- ### Working Principle Unlike a standard inductor which stores energy, a **Ferrite Bead** acts as a frequency-dependent resistor. At low frequencies, it has low impedance and allows DC to pass. At high frequencies (like the 100MHz range), it becomes resistive and dissipates noise energy as a small amount of heat.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ferrite bead and a standard inductor?
    • ⤷ How does the impedance change if the frequency increases beyond 100MHz?
    • ⤷ Can this part be used for high-current power supply filtering?