Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MFBA2V1005-221-R

  • AI
    ## MFBA2V1005-221-R: Component Analysis The **MFBA2V1005-221-R** is a Surface Mount Device (SMD) **Chip Ferrite Bead**. It is primarily used for noise suppression and electromagnetic interference (EMI) filtering in high-density electronic circuits. --- ### 1. Technical Specifications Below is a breakdown of the key parameters for this specific part number: | Parameter | Specification | | :--- | :--- | | **Component Type** | Multilayer Chip Ferrite Bead | | **Impedance** | 220 $\Omega$ (at 100 MHz) | | **Tolerance** | $\pm 25\%$ | | **DC Resistance (DCR)** | Max 0.50 $\Omega$ | | **Rated Current** | 200 mA | | **Package Size (EIA)** | 0402 | | **Package Size (Metric)** | 1005 (1.0mm x 0.5mm) | | **Operating Temp** | -55°C to +125°C | --- ### 2. Part Number Deciphering Manufacturers use standardized codes to define the characteristics of the bead. While specific to the brand (often related to Bourns or similar manufacturers), the code generally breaks down as follows: * **MFBA**: Series code (Multilayer Ferrite Bead). * **2V**: Material or Voltage characteristic code (High-frequency material). * **1005**: Physical dimensions (1.0mm length x 0.5mm width). * **221**: Impedance value. The first two digits (22) are significant figures, and the third (1) is the multiplier ($10^1$). $22 \times 10 = 220 \Omega$. * **R**: Packaging type (usually signifies Tape & Reel). --- ### 3. Functional Role in Electronics Unlike a standard inductor, a ferrite bead is designed to dissipate high-frequency noise as **heat**. 1. **EMI Suppression:** It acts as a high-impedance barrier to high-frequency noise while allowing low-frequency signals and DC current to pass with minimal resistance. 2. **Power Supply Filtering:** Frequently placed on VCC lines of ICs to prevent noise from entering or leaving the chip. 3. **Signal Integrity:** Used on data lines to reduce "ringing" caused by high-speed switching. --- ### 4. Implementation Example In a typical digital circuit, the bead is placed in series with the power rail: ```markdown [Power Supply] ----[ Ferrite Bead ]----[ Decoupling Cap ]---- [ IC VCC ] | [ GND ] ```
    ✨ Follow-up Questions
    • ⤷What are the differences between a ferrite bead and a standard inductor?
    • ⤷ How does the impedance of this part change at frequencies higher than 100 MHz?
    • ⤷ What are the common alternatives to the 0402 package for higher current applications?