Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MFBA2V1608-601-R

  • AI
    The **MFBA2V1608-601-R** is a specific type of electronic component known as a **Multilayer Ferrite Chip Bead**. These components are primarily used for EMI (Electromagnetic Interference) suppression in electronic circuits. --- ### 1. Key Technical Specifications The part number provides specific details about the component's physical and electrical characteristics: | Specification | Value | Description | | :--- | :--- | :--- | | **Impedance** | 600 $\Omega$ | Measured at 100 MHz frequency. | | **Tolerance** | ±25% | The allowable deviation from nominal impedance. | | **DC Resistance (Max)** | 0.35 $\Omega$ | The resistance at 0Hz (DC). | | **Rated Current** | 300 mA | The maximum continuous current the bead can handle. | | **Case Size (EIA)** | 0603 | Dimensions: 1.6mm x 0.8mm (0.063" x 0.031"). | | **Operating Temp** | -55°C to +125°C | The standard industrial temperature range. | --- ### 2. Breakdown of the Part Number Manufacturers use a standardized nomenclature to define the part: 1. **MFB**: Multilayer Ferrite Bead (Product Series). 2. **A2V**: Specific material or design iteration (often indicates high-frequency characteristics). 3. **1608**: Dimensions in millimeters (1.6mm x 0.8mm), equivalent to 0603 in inches. 4. **601**: Impedance code. The first two digits are significant; the third is the multiplier ($60 \times 10^1 = 600 \Omega$). 5. **R**: Standard packaging (usually "Reel"). --- ### 3. Functional Purpose Unlike a standard inductor, which stores energy, a ferrite bead acts like a **frequency-dependent resistor**. * **Low Frequencies:** It acts as a low-resistance path, allowing DC and low-frequency signals to pass through. * **High Frequencies:** It converts high-frequency noise (EMI/RFI) into a small amount of heat, effectively filtering out "noise" from the circuit. ### 4. Common Applications * **Power Lines:** Filtering noise on VCC lines of microcontrollers or sensitive analog sensors. * **Signal Integrity:** Preventing high-frequency ringing on clock lines or data buses. * **Consumer Electronics:** Used in smartphones, tablets, and wearable devices to meet EMC (Electromagnetic Compatibility) standards. --- ### 5. Schematic Representation In a circuit diagram, it is represented either as an inductor symbol or a specific bead symbol: ```text (Ferrite Bead) In ----(ZZZZ)---- Out FB1 ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ferrite bead and a standard inductor?
    • ⤷ How do I choose the right impedance for an EMI filter?
    • ⤷ Can this component be used in high-power applications exceeding 1 Amp?