Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MFBA2V2012-221-R

  • AI
    The **MFBA2V2012-221-R** is a specific type of passive electronic component known as a **Multilayer Ferrite Chip Bead**. It is primarily used for EMI (Electromagnetic Interference) suppression in electronic circuits. --- ### 1. Technical Specifications The part number follows a standard naming convention that defines its physical and electrical characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Impedance** | 220 $\Omega$ | Measured at 100 MHz | | **Tolerance** | $\pm 25\%$ | Standard variance for ferrite beads | | **Current Rating** | ~2000 mA (2A) | Maximum DC current it can handle | | **DC Resistance** | 0.05 $\Omega$ (Max) | Resistance to direct current | | **Case Size (EIA)** | 0805 | Metric 2012 (2.0mm x 1.25mm) | | **Operating Temp** | -55°C to +125°C | Industrial grade temperature range | --- ### 2. Breakdown of the Part Number * **MFBA**: Series identifier (Multilayer Ferrite Bead, High Current/High Speed). * **2V**: Voltage/Material classification code. * **2012**: Package size in metric (2.0mm length x 1.25mm width), equivalent to **0805** in inches. * **221**: Impedance value. The first two digits (22) are the value, and the third (1) is the multiplier ($10^1$). So, $22 \times 10 = 220 \, \Omega$. * **R**: Packaging code (usually refers to Tape & Reel). --- ### 3. Key Functions & Applications Ferrite beads act as a **high-frequency resistor**. They allow low-frequency signals (like DC power) to pass through with minimal resistance while absorbing and dissipating high-frequency noise as heat. #### Primary Uses: * **Power Line Filtering:** Placed on VCC lines to prevent noise from switching regulators from reaching sensitive ICs. * **Signal Integrity:** Reducing "ringing" on high-speed data lines. * **Compliance:** Helping devices pass FCC/CE electromagnetic compatibility (EMC) testing. --- ### 4. Circuit Representation In a schematic, it is represented similarly to an inductor but functions differently at high frequencies. ```spice [Input] ----(Ferrite Bead)---- [Filtered Output] | [Capacitor] <-- Often used in a Pi-filter | [GND] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ferrite bead and a standard inductor?
    • ⤷ How do I choose the right impedance value for my circuit?
    • ⤷ Can this component be used in high-speed data lines like USB 3.0?