Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MFS-P-A4A-R

  • AI
    The **MFS-P-A4A-R** is a specific model within the series of **Magnetic Flow Sensors (MFS)**, typically manufactured by companies like KOBOLD or similar industrial instrumentation firms. It is designed to measure the flow of conductive liquids. ### 1. Technical Specifications The part number breaks down into specific electronic and mechanical configurations. Below is the breakdown of its core parameters: | Component/Feature | Specification | | :--- | :--- | | **Measurement Principle** | Electromagnetic (Faraday's Law) | | **Supply Voltage** | 24 VDC (typical range 18-30 VDC) | | **Output Signal** | 4-20 mA (Analog) + Pulse/Frequency | | **Switching Output** | PNP/NPN Transistor (Configurable) | | **Connection Type** | M12x1 Circular Plug (4-pin or 5-pin) | | **Accuracy** | ±2% of full scale | | **Pressure Rating** | Up to 10 or 16 bar (Model dependent) | --- ### 2. Core Electronic Components The device operates based on Faraday's Law of Induction: $U = L \cdot B \cdot v$. * **Excitation Coils:** These are internal copper windings that receive a pulsed direct current from the electronics to generate a constant magnetic field across the pipe cross-section. * **Sensing Electrodes:** Two stainless steel or Hastelloy electrodes are flush-mounted inside the flow tube. They pick up the micro-voltage generated by the conductive fluid moving through the magnetic field. * **Signal Converter (Integrated):** This is the "brain" of the MFS. It performs: * **Amplification:** Boosting the micro-volt signal from the electrodes. * **Noise Filtering:** Removing electrical interference from the surrounding environment. * **A/D Conversion:** Transforming the analog voltage into a digital value for processing. * **Output Stage:** A dedicated circuit that converts the processed flow data into a standard **4-20 mA loop** for PLCs and a **Frequency/Pulse output** for totalizing volume. --- ### 3. Wiring and Pin Configuration (M12 Connector) Most "A4A-R" variants utilize a standard industrial M12 connector. The typical electronic pinout is: | Pin | Function | Description | | :--- | :--- | :--- | | **1** | + L+ | +24 VDC Supply | | **2** | Out 2 | Analog Output (4-20 mA) | | **3** | - L- | 0V / Ground | | **4** | Out 1 | Binary Output (Pulse or Limit Switch) | --- ### 4. Key Electronic Features * **Empty Pipe Detection:** The electronics can sense if the electrodes are no longer submerged, preventing false readings and triggering an error signal. * **Bi-directional Measurement:** The sensor can electronically distinguish between forward and reverse flow. * **Temperature Compensation:** Internal sensors adjust the reading based on the thermal properties of the fluid to maintain accuracy.
    ✨ Follow-up Questions
    • ⤷ What is the minimum liquid conductivity required for the MFS-P-A4A-R to function?
    • ⤷ How do you calibrate the pulse output for a specific volume (e.g.
    • ⤷ 1 pulse per liter)?
    • ⤷ What are the common troubleshooting steps if the 4-20mA signal remains at 4mA?