Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MFS2-4A-R/Q

  • AI
    The **MFS2-4A-R/Q** is a high-precision magnetic safety sensor typically manufactured by brands like **IDEM Safety** or **Omron**. It is designed for monitoring the position of safety guards, doors, and hatches in industrial environments. --- ## 1. Technical Specifications The device operates on a non-contact magnetic principle, ensuring long life and resistance to mechanical wear. | Parameter | Specification | | :--- | :--- | | **Switching Type** | Magnetic (Non-Contact) | | **Output Configuration** | 2NC (Normally Closed) / 1NO (Normally Open) | | **Housing Material** | Stainless Steel 316 (Mirror Polished) | | **Connection Type** | M12 Quick Disconnect (8-Pole) | | **Ingress Protection** | IP67 / IP69K (High-pressure washdown) | | **Switching Distance** | 10mm (Sao) / 22mm (Sar) | --- ## 2. Key Electronic Components & Operation The "MFS" series utilizes internal reed switches or solid-state Hall-effect sensors (depending on the specific generation) encapsulated in a robust housing. ### A. Contact Configuration * **Safety Contacts (2NC):** These are used to interface with a safety relay. If the guard is opened, these contacts open to trigger a machine stop. * **Auxiliary Contact (1NO):** This is typically used for status signaling to a PLC (Programmable Logic Controller) or an HMI, indicating that the door is "Closed" without being part of the primary safety circuit. ### B. The Actuator (MFS-2) The "Q" in the part number often refers to the Quick Disconnect feature, but the sensor requires a matching magnetic actuator. The actuator contains a specific magnetic coded array that prevents tampering with standard magnets. ### C. Environmental Durability The electronic internals are fully potted (encapsulated in resin). This provides: * **Vibration Resistance:** Protection against heavy industrial machinery movement. * **Thermal Stability:** Reliability in food processing or chemical environments where temperature fluctuations are common. --- ## 3. Wiring Diagram Overview When connecting the M12 8-pin connector, the typical wiring follows this logic: ```markdown 1. White: NO Auxiliary Contact 2. Brown: NC Safety Contact 1 3. Green: NC Safety Contact 1 4. Yellow: NC Safety Contact 2 5. Grey: NC Safety Contact 2 6. Pink: NO Auxiliary Contact 7. Blue: Not Used / Common 8. Red: Not Used / Common ``` *(Note: Always verify with the specific manufacturer datasheet as wire colors can vary by production year.)* --- ## 4. Application Use-Cases * **Food & Beverage:** Due to the 316 Stainless Steel and IP69K rating, it survives caustic washdowns. * **Pharmaceutical:** High hygiene standards require the mirror-polished finish to prevent bacterial growth. * **Robotic Cells:** Ensuring that the power is cut to the robot if a human opens the perimeter gate. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the Sao and Sar switching distances for this sensor?
    • ⤷ Can this sensor be used without a safety relay?
    • ⤷ What are the benefits of the IP69K rating in electronic sensors?