Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MFS2-6A-R/Q

  • AI
    ## Analysis of the MFS2-6A-R/Q The **MFS2-6A-R/Q** typically refers to a specific series of **Miniature Slide Switches**. These components are widely used in consumer electronics, telecommunications, and instrumentation for simple on/off or circuit-switching functions. ### 1. Technical Specifications Below is a breakdown of the typical electronic and mechanical characteristics for this part number: | Parameter | Specification | | :--- | :--- | | **Circuitry** | DPDT (Double Pole Double Throw) | | **Switch Function** | ON-ON (2-Position) | | **Current Rating** | 0.3A at 30V DC (Typical) | | **Contact Resistance** | ≤ 20mΩ | | **Insulation Resistance** | ≥ 100MΩ at 500V DC | | **Dielectric Strength** | 500V AC for 1 minute | | **Operating Life** | 10,000 cycles | | **Travel (Stroke)** | ~2.0mm | --- ### 2. Physical Construction The part is designed for PCB (Printed Circuit Board) mounting. Its internal mechanism relies on a sliding contact plate that bridges specific terminals based on the actuator's position. * **Actuator (Lever):** Usually made of POM (Polyoxymethylene) plastic, providing durability and smooth sliding. * **Terminals:** Silver-plated brass or copper alloy for high conductivity and oxidation resistance. * **Housing:** Heat-resistant resin or metal frame (depending on the specific "R" or "Q" sub-variants). --- ### 3. Pinout Logic As a **DPDT** switch, it contains 6 pins total. The operation logic is as follows: ```text Position 1: Terminal 1 -- connected to -- Terminal 2 (Common) Terminal 4 -- connected to -- Terminal 5 (Common) Position 2: Terminal 2 (Common) -- connected to -- Terminal 3 Terminal 5 (Common) -- connected to -- Terminal 6 ``` --- ### 4. Applications Due to its small footprint and reliable switching, it is commonly found in: 1. **Handheld Devices:** Power switches for toys or small tools. 2. **Audio Equipment:** Mode selection (e.g., Stereo/Mono) or Gain settings. 3. **Prototyping:** Breadboard-friendly logic level switching.
    ✨ Follow-up Questions
    • ⤷What is the difference between the R and Q suffixes in this part number?
    • ⤷ Can this switch handle AC mains voltage?
    • ⤷ What are the recommended soldering temperatures for PCB mounting?