Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MG6331-R

  • AI
    The **MG6331-R** is an electronic component primarily classified as a **Rectifier Diode**, specifically designed for high-voltage and high-speed switching applications. It is commonly found in the power supply stages of consumer electronics, such as CRT monitors, TVs, and microwave ovens. --- ### 1. General Specifications The MG6331-R is engineered to handle significant voltage stress while maintaining efficiency. Below are its typical electrical characteristics: | Parameter | Value (Typical) | | :--- | :--- | | **Component Type** | High Voltage Fast Recovery Diode | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 1500V - 1700V | | **Average Forward Current ($I_{F(AV)}$)** | 1.0A - 2.0A | | **Maximum Surge Current ($I_{FSM}$)** | 30A - 50A | | **Reverse Recovery Time ($t_{rr}$)** | < 0.5 µs (Fast Recovery) | | **Package Type** | Axial Lead (often DO-201 or similar) | --- ### 2. Key Features * **Fast Recovery Time:** The "Fast Recovery" characteristic means the diode can switch from a conducting state to a blocking state very quickly. This minimizes power loss during high-frequency operation. * **High Voltage Tolerance:** Designed to survive back-EMF and high-voltage spikes common in inductive load switching. * **Low Forward Voltage Drop:** Helps in reducing heat dissipation during the conduction phase. * **Glass Passivated Junction:** Usually features a passivated chip structure to ensure high reliability and stability under high temperatures. --- ### 3. Common Applications The MG6331-R is typically used in circuits where high-speed rectification of high-voltage signals is required: 1. **Horizontal Deflection Circuits:** Used in older CRT televisions and monitors to handle the flyback voltages. 2. **Switching Power Supplies (SMPS):** Acting as an output rectifier for high-voltage DC rails. 3. **Inverters:** Used in DC-AC conversion stages where fast switching is mandatory. 4. **Voltage Multipliers:** Frequently found in "cockcroft-walton" style voltage doubler circuits. --- ### 4. Identification and Alternatives If you are looking for the part on a PCB, it usually appears as a black cylindrical component with a silver or white band (the **Cathode**). **Common Equivalents/Substitutes:** Depending on the specific circuit requirements, parts like the **RU4DS**, **BY228**, or **HER308** might be used as alternatives, provided the voltage and current ratings meet the MG6331-R's original specs. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout orientation for the MG6331-R?
    • ⤷ Can this diode be used in a standard bridge rectifier for 220V AC?
    • ⤷ What are the thermal considerations when mounting this diode in a high-current circuit?