Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MGFS154812-R

  • AI
    ## Overview of MGFS154812-R The **MGFS154812-R** is a high-reliability, isolated DC-DC converter manufactured by **Cosel**. It belongs to the MGFS series, which is designed for high power density and wide input voltage ranges in a compact 1x1 inch footprint. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Power** | 15 Watts | | **Input Voltage Range** | 18V to 76V DC (4:1 wide input) | | **Output Voltage** | 12V DC | | **Output Current** | 1.3A | | **Efficiency** | ~89% (Typical) | | **Isolation Voltage** | 1,500V DC (1 minute) | | **Package / Case** | 1" x 1" Through-hole (DIP) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Functional Components The internal architecture of the MGFS154812-R consists of several critical electronic stages: 1. **Input Filter:** Includes internal capacitors and inductors to reduce reflected ripple current and provide electromagnetic interference (EMI) suppression. 2. **Switching Controller:** A high-frequency PWM (Pulse Width Modulation) controller that regulates the energy transfer based on load requirements. 3. **Isolation Transformer:** Provides the galvanic isolation (1.5kV) between the high-voltage input side and the 12V output side. 4. **Rectification & Smoothing:** Synchronous rectification (or high-efficiency diodes) and LC filtering ensure a stable 12V DC output with low ripple and noise. 5. **Feedback Loop:** An optocoupler-based feedback system monitors the output voltage and adjusts the switching frequency/duty cycle to maintain regulation. --- ### 3. Protection & Special Features * **Overcurrent Protection (OCP):** Automatically recovers after the fault condition is removed (Hiccup mode). * **Overvoltage Protection (OVP):** Clamps the output to prevent damage to the connected load. * **Remote ON/OFF:** Allows the converter to be toggled electronically without breaking the main power line. * **Voltage Trimming:** The output can be adjusted (typically ±10%) using an external resistor. * **Six-sided Shielding:** The metal case provides 360-degree EMI shielding, reducing radiated noise. --- ### 4. Typical Connection Diagram ```text Input (18-76V) Output (12V) +------------------------------------------+ | [ +Vin ] -------------------- [ +Vout ] | | | | [ RC ] --- (Remote Sw) [ TRIM ] | | | | [ -Vin ] -------------------- [ -Vout ] | +------------------------------------------+ ``` --- ### 5. Application Areas * **Industrial Automation:** Powering sensors and PLCs. * **Telecommunications:** Distributed power architectures. * **Test & Measurement:** Providing clean, isolated power to sensitive instrumentation. * **Battery Operated Equipment:** Handling wide discharge voltage ranges of battery banks.
    ✨ Follow-up Questions
    • ⤷ What are the specific resistor values needed for the TRIM function?
    • ⤷ How does the efficiency curve change at low load conditions?
    • ⤷ What external components are recommended to meet Class A EMI standards?