Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MGP50P-R100-F

  • AI
    The **MGP50P-R100-F** is a specialized precision electronic component, specifically a **metal film resistor** designed for high-stability and low-tolerance applications. Below is a detailed breakdown of its electronic characteristics and specifications based on the part numbering convention commonly used by manufacturers like *RCD Components*. --- ## 1. Technical Specifications Table | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Metal Film Resistor | Precision thin-film technology | | **Power Rating** | 0.50 Watts (1/2W) | Power dissipation capability at 70°C | | **Resistance Value** | 0.100 $\Omega$ (R100) | Ultra-low resistance value | | **Tolerance** | $\pm 1\%$ (F) | Precision accuracy class | | **Package / Case** | Axial Leaded | Through-hole mounting | | **Temperature Coefficient** | Low PPM/°C | Minimal drift across temperature changes | --- ## 2. Part Number Breakdown To understand the electronic nature of this part, we can deconstruct the identifier: * **MGP50**: Represents the series and power rating. "50" typically denotes a **0.5W** (1/2 Watt) power rating. "P" often indicates a pulse-tolerant or specialized precision variant. * **R100**: This is the resistance code. "R" acts as the decimal point. Therefore, **R100 = 0.100 Ohms**. * **F**: This denotes the tolerance. In the electronics industry, **F = $\pm 1\%$**. --- ## 3. Key Electronic Characteristics ### A. Low Resistance (Sense Resistor) At $0.1\Omega$, this resistor is often used as a **Current Sense Resistor**. It is placed in a circuit to measure current flow by monitoring the voltage drop across it ($V = I \times R$), without significantly affecting the overall circuit impedance. ### B. Metal Film Construction Unlike standard carbon resistors, metal film resistors offer: * **Low Noise:** Ideal for sensitive audio or measurement circuits. * **Thermal Stability:** The resistance value remains consistent even as the component heats up. * **Precision:** High manufacturing accuracy allows for the tight $1\%$ tolerance. ### C. Power Handling The "50" (0.5W) rating means this resistor can safely handle a specific amount of current $(I = \sqrt{P/R})$. * *Calculation:* For 0.5W at 0.1$\Omega$, the maximum continuous current is approximately **2.23 Amps**. --- ## 4. Typical Applications * **Power Supplies:** Monitoring output current for over-current protection. * **Battery Management Systems (BMS):** Measuring charge/discharge rates. * **Motor Control:** Sensing load to adjust torque or speed. * **Precision Instrumentation:** Where low thermal drift is required.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the MGP50P axial package?
    • ⤷ How does the temperature coefficient (PPM) affect this resistor's performance?
    • ⤷ Are there surface-mount (SMD) alternatives to the MGP50P-R100-F?