Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH11TDD-R

  • AI
    The **MH11TDD-R** is a specific electronic component primarily identified as a **Micro-USB Connector** (specifically a Micro-B type). These are surface-mount devices (SMD) commonly used in consumer electronics for charging and data transfer. Below is a detailed breakdown of its electronic and mechanical specifications. --- ## 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | Micro-USB Type B | | **Orientation** | Right Angle / Horizontal | | **Mounting Type** | Surface Mount (SMT) + Through-hole Shell Tabs | | **Number of Pins** | 5 Pins (VCC, D-, D+, ID, GND) | | **Current Rating** | ~1.0A to 1.8A (typically) | | **Voltage Rating** | 30V AC/DC | | **Contact Resistance** | 30mΩ Max | --- ## 2. Key Electronic Parts & Materials The assembly of the MH11TDD-R consists of several critical layers and materials designed for durability and conductivity: ### A. Housing (Insulator) * **Material:** High-temperature Thermoplastic (often LCP or Nylon 6T). * **Purpose:** Provides the structural frame for the pins and ensures electrical isolation between the five contacts. It is designed to withstand reflow soldering temperatures (up to 260°C). ### B. Contacts (Pins) * **Material:** Copper Alloy (Phosphor Bronze or Brass). * **Plating:** Gold plating on the contact area (for superior conductivity and corrosion resistance) and Tin plating on the solder tails (for better solderability). ### C. Metal Shell (Shielding) * **Material:** Stainless Steel or Copper Alloy with Nickel plating. * **Purpose:** * **EMI/RFI Protection:** Reduces electromagnetic interference. * **Structural Integrity:** Provides the "legs" that are soldered into the PCB to prevent the connector from being ripped off during cable insertion/extraction. --- ## 3. Pinout Configuration The MH11TDD-R follows the standard Micro-USB 5-pin layout: 1. **Pin 1 (VBUS):** +5V Power. 2. **Pin 2 (D-):** Data Negative. 3. **Pin 3 (D+):** Data Positive. 4. **Pin 4 (ID):** Used for OTG (On-The-Go) identification. 5. **Pin 5 (GND):** Ground. --- ## 4. Physical Design Features * **Mid-Mount/Top-Mount:** Depending on the specific suffix variation, these are usually designed to sit flat on top of the PCB. * **Lead-Free:** These components are typically RoHS compliant, meaning they do not contain lead or other hazardous substances. ---
    ✨ Follow-up Questions
    • ⤷ What are the PCB footprint requirements for the MH11TDD-R?
    • ⤷ Which manufacturers produce the MH11TDD-R series?
    • ⤷ How does the 'R' suffix change the component specifications compared to the standard model?