Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH12FCG-R

  • AI
    The **MH12FCG-R** is a specific electronic component typically identified as a **High-Frequency/High-Voltage Rectifier Diode** or part of a modular assembly often used in specialized industrial power supplies and microwave systems. --- ### 1. Technical Specifications While specifications can vary slightly by manufacturer (often associated with brands like Fuji Electric or specialized high-voltage vendors), the general characteristics are as follows: | Feature | Description | | :--- | :--- | | **Component Type** | High-Voltage Silicon Rectifier Diode | | **Peak Reverse Voltage ($V_{RRM}$)** | Typically **12kV** (12,000 Volts) | | **Forward Current ($I_{F}$)** | Rated for approximately **350mA to 500mA** (Air-cooled) | | **Reverse Recovery Time ($t_{rr}$)** | Fast recovery (typically < 100ns to 150ns) | | **Mounting Style** | Through-hole / Stud or Resin-molded leaded package | --- ### 2. Key Internal Components The MH12FCG-R is not a single transistor but a **multi-junction stack**. To achieve a 12kV rating, the device consists of: * **Silicon Pellets:** Multiple PN junctions stacked in series internally. * **Encapsulation:** High-insulation epoxy resin to prevent arcing and corona discharge at high voltages. * **Diffusion Technology:** Designed for low leakage current even at high thermal stress. --- ### 3. Applications This part is designed for circuits where standard diodes would fail due to voltage breakdown. 1. **Microwave Power Supplies:** Used in the rectification stage for magnetron driving. 2. **X-Ray Generators:** Providing stable DC high voltage for imaging tubes. 3. **Laser Power Sources:** High-speed switching and rectification for CO2 or YAG lasers. 4. **Air Purifiers/Ionizers:** Generating the static charge required for dust collection. --- ### 4. Circuit Symbol and Operation In a schematic, it is represented as a standard diode. However, due to its **High Forward Voltage Drop ($V_F$)**, it behaves differently than a low-voltage diode: ``` Anode (A) Cathode (K) |------|>|---------| ``` *Note: The $V_F$ can be as high as 10V-20V because the current must pass through multiple internal junctions.* ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the MH12FCG-R?
    • ⤷ Can this diode be used in high-frequency switching power supplies?
    • ⤷ What are the common failure modes for high-voltage rectifiers like this one?