Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH12TDG-R

  • AI
    The **MH12TDG-R** is a specific model of a **Miniature High-Voltage Reed Relay**, typically manufactured by companies like **Meder Electronic (now Standex Electronics)** or similar specialized relay producers. These components are designed to provide high galvanic isolation in a compact footprint. --- ### 1. Key Technical Specifications The "MH" series is known for its low profile and ability to switch or hold off voltages significantly higher than standard signal relays. | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Coil Voltage** | 12 VDC | Indicated by the "12" in the part number. | | **Contact Form** | Form A (SPST-NO) | Normally Open contact configuration. | | **Switching Voltage** | Up to 1,000V DC | Varies by specific subtype. | | **Stand-off Voltage** | Up to 3,000V - 4,000V DC | The voltage the open contacts can withstand. | | **Contact Rating** | 10W - 50W | Maximum power handling capability. | | **Housing Style** | Through-hole (THT) | Often encapsulated in a plastic thermoset shell. | --- ### 2. Part Number Breakdown (Estimated) While naming conventions vary slightly by manufacturer, the code generally follows this logic: * **MH:** Series prefix (Miniature High-voltage). * **12:** Rated coil voltage (12 Volts). * **T:** Termination/Mounting style (often refers to specific Pin layouts or Through-hole). * **D:** Contact Material (often Rhodium or Tungsten for high-voltage durability). * **G:** Guard/Shielding option (sometimes refers to internal electrostatic shielding). * **R:** RoHS Compliant. --- ### 3. Internal Construction A Reed Relay consists of three primary electronic elements: 1. **Reed Switch:** Two ferromagnetic blades hermetically sealed in a glass tube. 2. **Electromagnetic Coil:** Wrapped around the glass tube; when energized with 12V, it creates a magnetic field to close the blades. 3. **Encapsulation:** An epoxy-molded body that protects the fragile glass and provides high dielectric insulation between the low-voltage coil and high-voltage contacts. --- ### 4. Common Applications Because of its high isolation properties, the MH12TDG-R is used in: * **Automated Test Equipment (ATE):** Switching high-voltage test signals. * **Medical Equipment:** Isolation in defibrillators or imaging sensors. * **Battery Management Systems (BMS):** Measuring insulation resistance in high-voltage battery packs. * **Telecom:** Line sensing and isolation. --- ### 5. Safety & Handling ```markdown > [!CAUTION] > When working with the MH12TDG-R, ensure that the high-voltage side > is physically separated from the low-voltage control logic on your > PCB layout to prevent arcing across board traces. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the MH12TDG-R?
    • ⤷ Are there 5V or 24V versions of this relay available?
    • ⤷ How does a reed relay differ from a solid-state relay in high-voltage applications?