Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH13FAD-R

  • AI
    The **MH13FAD-R** is an electronic component primarily classified as a **Hall Effect Sensor IC**. It is designed for non-contact magnetic field sensing, commonly used in consumer electronics for lid-close detection, proximity sensing, and pulse counting. --- ## 1. Core Technical Specifications The MH13FAD-R is characterized by its low power consumption and high sensitivity. Below are the primary electrical characteristics: | Parameter | Value/Description | | :--- | :--- | | **Component Type** | Hall Effect Switch (Omnipolar) | | **Supply Voltage ($V_{DD}$)** | 1.65V to 6.0V | | **Average Supply Current** | ~2μA to 5μA (Ultra-low power) | | **Output Type** | Push-Pull (no external pull-up resistor required) | | **Magnetic Sensitivity** | High Sensitivity (typically 30-50 Gauss) | | **Package Type** | SOT-23 or DFN (Surface Mount) | --- ## 2. Functional Features The "R" suffix often denotes specific reel packaging or a revision, but the core functionality remains centered on the following: * **Omnipolar Operation:** Unlike unipolar sensors that require a specific North or South pole, this sensor activates with **either** pole of a magnet. This simplifies assembly as magnet orientation does not matter. * **Micropower Sampling:** To save energy, the IC is not "on" constantly. It uses a clocking mechanism to wake up, sample the magnetic field, and return to a sleep state. * **Temperature Stability:** It is designed to operate reliably across a standard industrial temperature range (usually -40°C to +85°C). --- ## 3. Typical Application Circuit Because it features a **Push-Pull output**, the MH13FAD-R is very easy to interface directly with a Microcontroller (MCU). ```c // Example logic for an MCU reading the MH13FAD-R #define HALL_SENSOR_PIN 2 void setup() { pinMode(HALL_SENSOR_PIN, INPUT); // Internal pull-up not required } void loop() { int sensorState = digitalRead(HALL_SENSOR_PIN); if (sensorState == LOW) { // Magnet detected (e.g., Laptop lid closed) } else { // No magnet detected } } ``` --- ## 4. Common Use Cases * **Smart Covers:** Detecting when a tablet or smartphone flip-cover is closed. * **Utility Meters:** Measuring water or gas flow via a rotating magnet (pulse counting). * **Handheld Devices:** Powering on/off devices when they are removed from a dock or holster. * **TWS Earbuds:** Detecting when the earbuds are placed inside or removed from the charging case.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an omnipolar and a bipolar Hall effect sensor?
    • ⤷ How do I calculate the battery life for a circuit using the MH13FAD-R?
    • ⤷ Does this sensor require any external filtering components like capacitors?