AI

The **MH13FBD-R** is a specific electronic component, typically categorized as an **Electromagnetic Passive Buzzer** (or transducer), often used in automotive and industrial applications.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Component Overview
The MH13FBD-R is a surface-mount (SMD) electromagnetic transducer designed to convert electrical signals into audible sound. Unlike active buzzers, this is a **passive** component, meaning it requires an external oscillating circuit (PWM signal) to function.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Electromagnetic Transducer (Passive) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Operating Voltage** | 1.0V to 3.0V (Typical 1.5V) |
| **Rated Current** | Max 80mA - 100mA |
| **Sound Pressure Level (SPL)** | ~80 dB to 90 dB @ 10cm |
| **Resonant Frequency** | ~2700 Hz to 3200 Hz |
| **Coil Resistance** | ~12 $\Omega$ to 18 $\Omega$ |
---
## 2. Key Internal Components
To understand the electronic nature of the MH13FBD-R, it is helpful to look at its construction:
1. **Magnet:** A permanent magnet that provides a stationary magnetic field.
2. **Voice Coil:** A small coil of copper wire. When current passes through it, it creates a fluctuating magnetic field.
3. **Diaphragm:** A metallic disk that reacts to the magnetic fluctuations, moving back and forth to create sound waves.
4. **Housing:** Usually a High-Temperature Plastic (LCP) capable of withstanding lead-free reflow soldering processes.
---
## 3. Driving Circuitry
Because this is a passive buzzer, it acts essentially like a small inductive load. It cannot be connected directly to a DC power source.
### Recommended Drive Method
A simple NPN transistor or MOSFET switching circuit is typically used to drive the component via a microcontroller's PWM (Pulse Width Modulation) pin.
```c
// Example pseudo-code for driving the MH13FBD-R
void playTone(int frequency) {
pwm_set_frequency(frequency); // Set to ~2730Hz for peak volume
pwm_set_duty_cycle(50); // 50% square wave
pwm_start();
}
```
### Safety Note: Flyback Diode
Since the part contains a coil (inductor), it is standard practice to place a **flyback diode** in parallel with the buzzer to protect the driving transistor from voltage spikes when the current is switched off.
---
## 4. Performance Considerations
* **Frequency Response:** The "R" in the part number often indicates a specific resonant peak. The loudst output will occur at the specified resonant frequency.
* **Reflow Soldering:** Being an SMD component, it is designed for automated pick-and-place and reflow ovens. It is sensitive to wash cycles; usually, a "washable" version will have a seal over the sound hole.
* **Polarity:** Most electromagnetic buzzers are polarized. The "+" mark on the casing must match the positive side of the driving circuit.
---
- ⤷What is the difference between an active and passive buzzer in a circuit?
- ⤷ How do I calculate the correct series resistor for this buzzer?
- ⤷ Can this component be used for playing music melodies?