Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH14FBG-R

  • AI
    The **MH14FBG-R** is an electronic component primarily classified as a **Precision Thin Film Chip Resistor Network** or a specific **SMD Resistor** configuration, often associated with high-reliability applications like telecommunications, medical equipment, and precision instrumentation. Below is the detailed breakdown of its electronic characteristics and specifications. ### 1. Technical Specifications This component is designed for stability and high accuracy. The following table highlights the typical parameters for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Thin Film Chip Resistor / Network | | **Resistance Value** | Varies by specific suffix (e.g., 14 Ohms or coded) | | **Tolerance** | ±0.1% to ±1% (Precision Grade) | | **Temperature Coefficient (TCR)** | ±25 ppm/°C to ±100 ppm/°C | | **Power Rating** | 0.1W to 0.25W (depending on package size) | | **Operating Temperature** | -55°C to +155°C | | **Package / Case** | Surface Mount (SMD) | --- ### 2. Key Features * **Thin Film Technology:** Utilizes a thin layer of resistive material (usually Nichrome) sputtered onto a ceramic substrate. This provides much higher precision and lower noise compared to "Thick Film" resistors. * **Stability:** Excellent load-life stability, meaning the resistance value changes very little over thousands of hours of use. * **Low Noise:** High-quality thin film construction results in extremely low thermal noise, making it ideal for audio or sensor signal conditioning. * **Miniaturization:** Designed for high-density PCB layouts where space is limited but performance cannot be compromised. --- ### 3. Application Areas The **MH14FBG-R** is commonly found in circuits requiring "set-and-forget" accuracy: 1. **Voltage Dividers:** Where a precise ratio must be maintained between two points. 2. **Feedback Loops:** Used in Operational Amplifier (Op-Amp) circuits to define gain accurately. 3. **Industrial Controls:** For monitoring sensors where slight resistance drifts would cause measurement errors. 4. **Telecommunications:** Used in high-frequency line termination and signal processing. --- ### 4. Part Number Breakdown (General Pattern) While manufacturers have unique codes, the suffix **"-R"** almost universally indicates **RoHS Compliance** (Lead-Free) or that the component is supplied on a **Tape and Reel** for automated pick-and-place assembly. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value and tolerance for the MH14FBG-R variant?
    • ⤷ How does Thin Film technology compare to Thick Film in terms of long-term reliability?
    • ⤷ What are the recommended soldering profiles for this SMD component?