Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH15FBD-R

  • AI
    The **MH15FBD-R** is an electronic component primarily classified as a **Buzzer** (specifically an Electromagnetic Transducer or Magnetic Buzzer). These parts are commonly used in consumer electronics, automotive alerts, and industrial equipment to provide audible feedback. --- ### 1. General Specifications The MH15FBD-R is designed for high-reliability sound output. Below are the typical technical parameters for this series: | Parameter | Typical Value | | :--- | :--- | | **Type** | Magnetic / Electromagnetic Transducer | | **Rated Voltage** | 1.5V - 12V DC (Model dependent) | | **Operating Voltage** | 1.0V ~ 15.0V DC | | **Current Consumption** | Max 30mA - 40mA | | **Sound Pressure Level (SPL)** | 80dB to 85dB at 10cm | | **Resonant Frequency** | 2300Hz ± 300Hz | | **Operating Temperature** | -20°C to +70°C | | **Mounting Type** | Through-hole (DIP) | --- ### 2. Physical Construction The part is built using several internal electronic and mechanical layers: * **Housing:** Usually made of PBT (Polybutylene Terephthalate) plastic, which is heat-resistant for soldering. * **Diaphragm:** A metal plate (often iron or nickel alloy) that vibrates to create sound waves. * **Electromagnetic Coil:** A copper wire winding that creates a magnetic field when current passes through it. * **Permanent Magnet:** Works in conjunction with the coil to move the diaphragm. * **Pins:** Tin-plated brass for PCB mounting. --- ### 3. Electronic Operation The "R" suffix often denotes specific resistance or ROHS compliance depending on the manufacturer (commonly **Mallory Sonalert** or generic Asian manufacturers like **Micro-Horn**). 1. **Input Signal:** This is usually a **washable** or **non-washable** type (indicated by a sticker on top). 2. **Drive Circuitry:** Unlike "indicators" which have internal circuitry to produce a tone, "transducers" like this often require an external oscillating circuit (like a 555 timer or PWM signal from a microcontroller) to function. 3. **Polarity:** It is a polarized component. The longer lead or the "+" mark on the housing must be connected to the positive voltage source. --- ### 4. Common Applications * **Household Appliances:** Microwave beepers, washing machine end-of-cycle alerts. * **Medical Devices:** Heart rate monitors or error alerts. * **Computing:** Motherboard POST code "beeps". * **Security:** Keypad entry confirmation sounds. ---
    ✨ Follow-up Questions
    • ⤷ Does the MH15FBD-R require an external frequency generator to make sound?
    • ⤷ What is the significance of the 'R' suffix in this part number?
    • ⤷ Can this component be cleaned in a wave soldering wash cycle?