Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH16FBG-R

  • AI
    The **MH16FBG-R** is an electronic component primarily classified as a **Precision Thin Film Chip Resistor**. These components are widely used in circuits requiring high stability, low noise, and high accuracy. --- ## 1. Technical Specifications The part number typically breaks down into specific technical characteristics. Below is a summary of the general specifications for this series: | Feature | Specification | | :--- | :--- | | **Component Type** | Thin Film Chip Resistor | | **Resistance Range** | Dependent on specific marking (often in kΩ or Ω) | | **Tolerance** | Usually ±0.1% or ±0.5% (High Precision) | | **Power Rating** | 0.063W to 0.25W (Package dependent) | | **Temperature Coefficient** | Low TCR (e.g., ±25ppm/°C or ±50ppm/°C) | | **Operating Temperature** | -55°C to +155°C | --- ## 2. Key Characteristics ### A. Thin Film Technology Unlike standard "Thick Film" resistors, the MH series uses a thin metal layer sputtered onto a ceramic substrate. This results in: * **Lower Noise:** Ideal for audio and signal processing. * **Higher Precision:** Closer adherence to the stated resistance value. * **Stability:** Resistance remains consistent over the component's lifespan. ### B. Environmental Durability The "R" suffix often denotes **RoHS Compliance**, meaning the part is lead-free and meets international environmental safety standards. Many components in this category are also designed to be moisture-resistant. --- ## 3. Common Applications Due to its precision, the MH16FBG-R is commonly found in: 1. **Medical Electronics:** Monitoring equipment requiring exact signal readings. 2. **Industrial Controls:** Sensor interfaces and measurement bridges. 3. **Telecommunications:** Base stations and high-frequency communication modules. 4. **Automotive:** ECU (Electronic Control Units) and battery management systems. --- ## 4. Package Information The "16" in the part number often refers to the **0603 (Inch)** or **1608 (Metric)** package size. This is a surface-mount device (SMD) that measures approximately **1.6mm x 0.8mm**.
    ✨ Follow-up Questions
    • ⤷What is the difference between thin film and thick film resistors?
    • ⤷ How do I decode the specific resistance value from this part number?
    • ⤷ What are the soldering requirements for 0603 SMD components?