Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH16TCD-R

  • AI
    The **MH16TCD-R** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** (specifically a shielded power choke). These components are essential in power management circuits for high-frequency DC-DC conversion. --- ### 1. Key Technical Specifications Below are the general characteristics typically associated with the MH16TCD series: | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance Range** | Varies by sub-model (typically 1.0µH to 47µH) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Composite Iron Powder / Ferrite | | **Shielding** | Magnetic Shielded Construction | --- ### 2. Functional Breakdown The "MH16" designation usually refers to the physical size (footprint), while the "TCD-R" suffix indicates specific packaging and performance traits. * **Magnetic Shielding:** The "CD" or shielded designation means the inductor is encased in a magnetic material. This prevents electromagnetic interference (EMI) from leaking out and affecting nearby sensitive components on the PCB. * **Low DCR (DC Resistance):** These parts are engineered to have very low internal resistance to minimize power loss as heat, improving the efficiency of the power supply. * **High Saturation Current:** The "R" often signifies high reliability or specific RoHS compliance. It is designed to handle high peak currents without the magnetic core "saturating" (losing its inductive properties). --- ### 3. Common Applications These parts are found in modern electronics that require compact, efficient power regulation: 1. **Consumer Electronics:** Smartphones, tablets, and laptops. 2. **DC-DC Converters:** Buck, Boost, and Buck-Boost regulators. 3. **Graphic Cards (GPUs):** Used in the Voltage Regulator Modules (VRMs) to provide stable power to high-performance chips. 4. **LED Drivers:** Providing steady current for high-brightness lighting systems. --- ### 4. Circuit Symbol and Implementation In a schematic, this part is represented by the standard inductor symbol, often with two parallel lines above it to indicate a ferrite/iron core. ```markdown L1 (MH16TCD-R) ----(uuu)---- | | Vin Vout ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions of the MH16 footprint?
    • ⤷ What is the maximum saturation current for the MH16TCD-R?
    • ⤷ Can this inductor be used in automotive applications?